JL05-24EB2A-R
AI

## Technical Overview: JL05-24EB2A-R
The **JL05-24EB2A-R** is a high-performance, waterproof circular connector accessory, specifically an **endbell** (backshell) used in industrial and military-grade applications. It is manufactured by **JAE (Japan Aviation Electronics)**.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | JAE (Japan Aviation Electronics) |
| **Series** | JL05 Series |
| **Component Type** | Endbell (Backshell) |
| **Shell Size** | 24 |
| **Waterproof Rating** | IP67 (when mated) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Design and Materials
The JL05-24EB2A-R is designed to provide mechanical protection and environmental sealing for cable-to-connector interfaces.
* **Body Material:** High-strength aluminum alloy.
* **Finish:** Zinc plating with a black trivalent chromate finish (provides excellent corrosion resistance).
* **Sealing:** Includes an internal bushing/grommet to prevent moisture and dust ingress.
* **Structure:** This is a **straight** type endbell, meaning the cable exits directly out the back of the connector without an angle.
---
### 3. Key Electronic & Mechanical Functions
While the endbell itself does not carry current, it is critical for the electrical integrity of the system:
1. **Strain Relief:** It prevents physical stress on the soldered or crimped pin connections by clamping the cable jacket securely.
2. **Environmental Sealing:** It acts as a barrier against water, oil, and dust, preventing short circuits or oxidation of the internal contacts.
3. **EMI/RFI Shielding:** Due to its metallic construction, it helps in maintaining the continuity of the shield when used with shielded cables, reducing electromagnetic interference.
---
### 4. Compatibility
The "24" in the part number indicates it is compatible with **Size 24** shell connectors within the JL05 series. These are typically used in:
* Industrial machinery (CNC machines).
* Servomotors and motion control systems.
* Communication equipment in harsh environments.
---
- ⤷
What are the compatible cable diameter ranges for the Size 24 endbell?
- ⤷ Can this backshell be used with JAE JL04 series connectors?
- ⤷ What is the specific torque requirement for installing this endbell to a shell?