JL05-28EB2A-R
AI

The **JL05-28EB2A-R** is a specific electronic component accessory, primarily categorized as a **Circular Connector Backshell (Endbell)**. It is manufactured by JAE (Japan Aviation Electronics) and is designed for use with the JL05 series of waterproof, high-reliability circular connectors.
---
### 1. Technical Specifications
The part number can be broken down to understand its physical and technical attributes:
| Feature | Specification |
| :--- | :--- |
| **Series** | JL05 (Waterproof Circular) |
| **Part Type** | Endbell (Backshell) |
| **Shell Size** | 28 |
| **Angle** | Straight (EB style) |
| **Environmental Rating** | IP67 (when mated) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Primary Functions
This component serves three critical roles in an electronic assembly:
* **Strain Relief:** It protects the soldered or crimped wire terminations inside the connector from mechanical stress caused by pulling or bending the cable.
* **Environmental Protection:** It acts as a housing to seal the rear of the connector against water, oil, and dust, maintaining the IP67 integrity of the system.
* **Cable Management:** It provides a structured exit point for the wiring harness, allowing for secure clamping of the cable jacket.
---
### 3. Materials and Construction
The JL05 series is known for its "Industrial Grade" build quality, suitable for heavy machinery and automation.
* **Body Material:** Typically an Aluminum alloy with a protective finish (usually Zinc plating or Black chromate).
* **Coupling:** It features a screw-on mechanism to attach to the rear thread of a size 28 JL05 plug or receptacle.
* **Gasket/O-ring:** Integrated synthetic rubber seals to prevent fluid ingress.
---
### 4. Typical Applications
You will commonly find the JL05-28EB2A-R in the following environments:
1. **Industrial Automation:** Servo motors and robot arm power/signal interfaces.
2. **Machine Tools:** CNC machines where coolant and metal chips are present.
3. **Heavy Equipment:** Construction or agricultural vehicles requiring ruggedized interconnects.
---
- ⤷
What are the compatible cable diameters for the JL05-28EB2A-R?
- ⤷ How does the '2A' variation differ from other versions like the '3A'?
- ⤷ Does this backshell require a specific conduit or can it be used with loose wires?