JN2DS04FKK-R
AI

The **JN2DS04FKK-R** is a high-performance, waterproof circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the JN2 series, which is designed for industrial equipment, specifically for small motors and sensors.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Receptacle (Female) |
| **Number of Contacts** | 4 Positions |
| **Current Rating** | Up to 5A per contact |
| **Voltage Rating** | 200 VAC |
| **Termination Style** | Solder |
| **Locking Mechanism** | One-touch Baffle (Snap-in) |
| **Ingress Protection** | IP67 (Waterproof when mated) |
---
### 2. Physical & Material Composition
* **Shell Material:** High-strength synthetic resin (Zinc-plated/Black). This makes the connector lightweight compared to full-metal industrial connectors while maintaining durability.
* **Contact Plating:** Gold plating is typically used to ensure low contact resistance and prevent corrosion over time.
* **Mounting Type:** This specific part is a **Panel Mount** receptacle, often used on the housing of a motor or an enclosure.
---
### 3. Core Electronic Features
#### A. One-Touch Locking System
Unlike traditional threaded connectors that require multiple turns to secure, the JN2DS04FKK-R uses a **one-touch snap-in mechanism**. This provides a tactile "click" to confirm a secure connection, making it ideal for tight spaces where manual threading is difficult.
#### B. Environmental Sealing
The "IP67" rating indicates that the electronic interface is protected against dust and can withstand immersion in water up to 1 meter for 30 minutes. This is critical for industrial automation where coolant, oil, or water spray may be present.
#### C. EMI Shielding Capability
The internal structure is designed to minimize electromagnetic interference, which is vital when the connector is used for feedback sensors or precision motor control.
---
### 4. Common Applications
* **Industrial Robotics:** Connection points for arm sensors.
* **Servo Motors:** Small-sized AC/DC servo motor power and signal lines.
* **Machine Tools:** Interface for CNC machinery and automated assembly lines.
* **Outdoor Electronics:** Sensors used in weather-exposed environments.
- ⤷
What are the compatible plug part numbers for the JN2DS04FKK-R?
- ⤷ What is the recommended wire gauge (AWG) for the solder termination on this connector?
- ⤷ Does this connector support hybrid power and signal configurations?