AI

## Overview of JN2FS04FK1X-R
The **JN2FS04FK1X-R** is a high-performance, small-size circular connector developed by **JAE (Japan Aviation Electronics)**. It belongs to the **JN2 Series**, which is specifically designed for industrial equipment, robotics, and waterproof applications.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | JN2 (Small Circular Connector) |
| **Connector Type** | Straight Plug |
| **Number of Contacts** | 4 Positions |
| **Contact Gender** | Socket (Female) |
| **Termination Method** | Crimp (Requires separate contacts) |
| **Rated Current** | 13A per contact (Max) |
| **Rated Voltage** | 200 VAC |
| **Waterproof Rating** | IP67 (when mated) |
---
### Key Electronic & Design Components
#### 1. Shell and Housing
The "FS" in the part number indicates a **straight plug** configuration. The outer shell is typically made of a high-strength synthetic resin, providing excellent insulation and weight reduction compared to traditional metal connectors.
#### 2. Contact Arrangement (4-Pin)
This specific model features **4 positions**.
* **Power/Signal:** Often used for power supply to motors (U, V, W, Ground) or for high-current signal transmissions.
* **Grounding:** The JN2 series is designed with a ground connection that engages before the power pins (First-to-mate/Last-to-break) for safety.
#### 3. Locking Mechanism
It features a **One-touch vibration-resistant locking mechanism**. Instead of threading (screwing), it uses a push-and-twist or snap-in system that ensures a secure connection even in high-vibration industrial environments.
#### 4. Waterproofing (IP67)
The connector includes internal O-rings and cable gaskets. When properly mated with its counterpart (receptacle), it prevents the ingress of dust and allows for temporary immersion in water.
---
### Common Applications
* **Industrial Robots:** Servomotors and controllers.
* **Machine Tools:** Sensors and power distribution.
* **Automation Equipment:** Communication links in harsh environments.
* **Medical Equipment:** Devices requiring robust, washable connections.
---
### Necessary Accessories
To complete the assembly of the JN2FS04FK1X-R, you generally require:
1. **Crimp Contacts:** (e.g., JN1-22-22S-PKG100) - The plug body does not usually come with the metal pins.
2. **Cable Glands:** To maintain the IP67 seal around the wire entry point.
- ⤷
What are the compatible crimp contact part numbers for this specific connector?
- ⤷ Does this connector support both signal and power transmission simultaneously?
- ⤷ What is the mating receptacle part number for the JN2FS04FK1X-R?