AI

The **JN2FS04FKKX-R** is a high-performance, waterproof circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the **JN2 series**, which is specifically designed for industrial applications requiring durability, ease of use, and resistance to harsh environments.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical attributes of the JN2FS04FKKX-R:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Straight Plug |
| **Number of Contacts** | 4 |
| **Contact Gender** | Socket (Female) |
| **Termination Method** | Crimp (Note: Contacts are usually sold separately) |
| **Current Rating** | Up to 13A per contact |
| **Voltage Rating** | 200 VAC |
| **Ingress Protection** | IP67 (Dust-tight and waterproof) |
| **Shell Size** | Small / Lightweight Plastic Body |
| **Locking Mechanism** | One-touch Vibration-resistant |
---
### 2. Physical Composition and Materials
The JN2FS04FKKX-R is engineered for both strength and electrical insulation.
* **Shell Body:** High-strength synthetic resin (plastic), which makes it significantly lighter than traditional metal circular connectors.
* **Insulator:** Synthetic resin with high dielectric properties to prevent arcing between the 4 pins.
* **Gasket/Seal:** Synthetic rubber (NBR or Fluorine) ensuring the IP67 rating when mated.
* **EMI Shielding:** This specific model is typically non-shielded (plastic shell), though it provides excellent insulation for power and signal lines.
---
### 3. Core Features
#### One-Touch Locking System
Unlike threaded connectors that require multiple turns, the JN2 series uses a **push-twist locking mechanism**. This ensures a secure connection even in high-vibration environments, common in robotics and factory automation.
#### Environmental Resistance
When mated, the connector is rated **IP67**. This means it is protected against dust ingress and can withstand immersion in water up to 1 meter deep for 30 minutes.
#### Versatile Application
The 4-pin configuration is frequently used for:
* **Small Motors:** Power supply for AC/DC servo motors.
* **Sensors:** Industrial sensor arrays.
* **Robotic Arms:** Signal and power transmission in tight spaces.
---
### 4. Required Accessories
To complete the assembly, you typically need:
1. **Crimp Contacts:** (e.g., JN1-22-22S or JN1-22-20S depending on wire gauge).
2. **Cable Clamp:** To provide strain relief for the incoming wire bundle.
---
- ⤷
What are the compatible crimp contact part numbers for this connector?
- ⤷ What is the recommended wire gauge (AWG) for the 13A current rating?
- ⤷ Is there a metal shell version of the JN2 series for EMI shielding?