Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JQ3-R

  • AI
    The **JQ3-R** is a specific model of a **Solid State Relay (SSR)**, often categorized under industrial automation and switching components. Unlike traditional mechanical relays, the JQ3-R uses semiconductor properties to perform switching operations without moving parts. --- ## 1. Core Technical Specifications The following table outlines the general electrical characteristics typically associated with the JQ3-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Control Voltage (Input)** | 3 - 32 VDC | | **Load Voltage (Output)** | 24 - 480 VAC | | **Rated Load Current** | 10A to 40A (Model dependent) | | **Switching Type** | Zero-Cross Switching | | **Dielectric Strength** | 2500 VAC | | **Response Time** | ≤ 10ms | --- ## 2. Key Electronic Components The JQ3-R is composed of several internal electronic stages that work together to isolate the control signal from the high-power load: ### A. Input Circuit (The "Control" Side) * **Optocoupler:** This is the most critical part. It uses an internal LED and a phototransistor to transfer the signal using light. This provides **galvanic isolation**, protecting your low-power controller (like an Arduino or PLC) from high-voltage surges. * **Current Limiting Resistor:** Protects the internal LED from burning out when connected to the DC input. ### B. Trigger Circuit * **Zero-Cross Detector:** Many JQ3-R models include a circuit that waits for the AC sine wave to cross the "zero" point before turning on. This minimizes Electromagnetic Interference (EMI) and reduces stress on the load. ### C. Output Switch (The "Power" Side) * **TRIAC or Back-to-Back Thyristors:** These are the high-speed semiconductors that handle the actual AC current. Since they have no physical contacts, there is no "arcing" or mechanical wear. * **RC Snubber Circuit:** An internal resistor-capacitor network designed to protect the semiconductor switch from voltage spikes ($dv/dt$) caused by inductive loads (like motors). --- ## 3. Advantages of the JQ3-R Design 1. **High Durability:** Because there are no moving parts, the lifespan is significantly longer than mechanical relays. 2. **Silent Operation:** It does not make a "clicking" sound when switching. 3. **Fast Switching:** Capable of high-frequency switching, making it suitable for PWM (Pulse Width Modulation) applications like temperature control. --- ## 4. Wiring Diagram Concept ```mermaid graph LR A[DC Input +] --> B[JQ3-R Internal Opto] C[DC Input -] --> B D[AC Live] --> E[JQ3-R Output Terminals] E --> F[Load/Heater/Motor] F --> G[AC Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in JQ3-R relays?
    • ⤷ How do I calculate the heat sink size required for a JQ3-R relay?
    • ⤷ Can the JQ3-R be used to control DC loads instead of AC?