JR-41-R/B
AI

The **JR-41-R/B** is a specific model of a **4mm Insulated Banana Plug** (also known as a banana connector). The suffix "R/B" typically refers to the color options (Red and Blue, or Red and Black depending on the manufacturer). These parts are foundational in testing, instrumentation, and laboratory power supplies.
---
### 1. Technical Specifications
Below are the typical technical parameters for the JR-41 series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | 4mm Banana Plug |
| **Current Rating** | 10A - 20A (Standard) |
| **Voltage Rating** | 30V AC - 60V DC (Standard Safety) |
| **Body Material** | Nickel-plated Brass or Copper |
| **Insulation Material** | PVC or ABS Plastic |
| **Connection Method** | Solder or Screw-type |
| **Color Coding** | Red (R) / Blue (B) or Black |
---
### 2. Physical Components
The JR-41-R/B consists of three main electronic and structural parts:
1. **The "Banana" Spring:** A flexible metal leaf or "lantern" spring made of nickel-plated brass. It expands inside the socket to ensure a high-friction, low-resistance electrical contact.
2. **Conductive Pin:** The solid core that carries the current. It usually features a hollow end where the wire is inserted.
3. **Insulated Shroud/Housing:** The plastic shell that prevents the user from accidental contact with live current. The JR-41 is often "shrouded" or "sheathed" for increased safety.
---
### 3. Usage and Application
These parts are widely used in the following electronic scenarios:
* **Multimeter Leads:** Connecting probes to digital multimeters (DMMs).
* **DC Power Supplies:** Providing a quick-disconnect interface for benchtop power units.
* **Breadboarding:** Connecting external power sources to prototyping boards.
* **Educational Kits:** Used in physics labs for easy circuit assembly without soldering.
---
### 4. Comparison of Connection Types
Depending on the specific variant of the JR-41, you may encounter different wiring methods:
```cpp
// Example: Soldering vs. Screw Terminal
if (type == "Solder") {
// Requires heat and solder wire
// Provides permanent, low-resistance bond
} else if (type == "Screw") {
// Requires small flat-head screwdriver
// Best for field repairs and reusable leads
}
```
- ⤷What is the maximum voltage rating for shrouded vs. unshrouded banana plugs?
- ⤷ How do I choose between a nickel-plated and a gold-plated connector?
- ⤷ Are JR-41 connectors compatible with standard CAT III safety ratings?