JR-55-R/Q
AI

The **JR-55-R/Q** refers to a specific series of high-quality **DC Power Jacks** (Power Supply Connectors) commonly used in consumer electronics, telecommunications, and industrial equipment. These parts are typically manufactured by specialized electronic component firms like *Jiliang* or *Lumberg*.
---
### ## Technical Specifications
The "R" and "Q" designations often refer to the mounting orientation (Right Angle vs. Straight) or the specific pin diameter.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | DC Power Jack / Power Socket |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Contact Resistance** | ≤ 30mΩ |
| **Insulation Resistance** | ≥ 100MΩ (DC 500V) |
| **Withstand Voltage** | AC 500V (50Hz) for 1 minute |
| **Rated Load** | DC 30V / 0.5A - 2.0A (varies by sub-model) |
| **Insertion Force** | 3N – 20N |
| **Life Cycle** | 5,000 cycles minimum |
---
### ## Pin Configuration and Design
The JR-55 series is categorized as a **3-pin** or **2-pin** barrel connector system.
1. **Center Pin (Positive/Negative):** Usually provides the main power path. Common diameters are 2.1mm or 2.5mm.
2. **Shunt/Switch Terminal:** Many versions include a "normally closed" internal switch. When a plug is inserted, it breaks the connection to this terminal, allowing the device to switch automatically from internal battery power to an external DC adapter.
3. **Solder Tabs:** Flat, sturdy metal legs designed to be soldered into a Printed Circuit Board (PCB).
---
### ## Material Composition
To ensure durability and heat resistance during soldering, the following materials are used:
* **Housing:** High-temperature thermoplastic (usually PBT or PA66, UL94V-0 rated).
* **Terminals:** Copper alloy or Brass.
* **Plating:** Silver or Gold plating over Nickel for superior conductivity and oxidation resistance.
---
### ## Differences between R and Q Variants
While manufacturers have specific internal codes, generally:
* **JR-55-R:** Usually denotes a **Right-Angle** PCB mount, where the plug enters parallel to the board.
* **JR-55-Q:** Often denotes a specific **Pin Diameter** variation or a **Vertical/Straight** mount orientation.
---
### ## Common Applications
* **Laptops/Tablets:** Power input port.
* **Audio Equipment:** Digital mixers and amplifiers.
* **IoT Devices:** Smart home hubs requiring constant DC power.
* **Chargers:** Cradles for cordless tools or appliances.
- ⤷
What is the exact pin diameter for the JR-55-R version?
- ⤷ How do I identify the polarity of the terminals on this connector?
- ⤷ Can this connector handle 12V 5A power supplies?