AI

The **JR16-R-4MFP1** is a specific electronic component from the **JR Series** of circular connectors, manufactured by **Hirose Electric**. These connectors are known for their high reliability, robust metal shells, and widespread use in industrial machinery and communication equipment.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Below is a breakdown of its physical and electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Circular Connector (Plug/Receptacle) |
| **Series** | JR Series (High-performance standard) |
| **Shell Size** | 16 |
| **Number of Contacts** | 4 |
| **Contact Gender** | Male/Female (Dependent on configuration; 'P' usually denotes Pin) |
| **Mounting Type** | Flange Mount / Panel Mount |
| **Body Material** | Aluminum Alloy (Nickel or Chrome plated) |
| **Current Rating** | Typically 10A - 30A (depending on wire gauge) |
| **Voltage Rating** | AC 300V - 600V (depending on environment) |
---
### 2. Key Components and Design
The JR16-R-4MFP1 is engineered for industrial environments where durability is critical.
* **Outer Shell:** A rugged metal shell that provides excellent EMI (Electromagnetic Interference) shielding and physical protection against impacts.
* **Insulator:** High-grade synthetic resin that maintains high insulation resistance even under high-voltage loads.
* **Locking Mechanism:** Uses a threaded coupling system to ensure a secure, vibration-proof connection.
* **Solder/Crimp Terminals:** Designed for permanent wiring, allowing for stable electrical conductivity over time.
---
### 3. Pinout and Internal Wiring
While specific pinout diagrams depend on the user's application, the **4-pin configuration** is commonly used for:
1. **DC Power Supply:** (V+, GND, and two signal lines).
2. **Single-Phase AC:** (Live, Neutral, Ground, and an auxiliary/shield).
3. **Motor Control:** Providing power to small industrial motors or actuators.
---
### 4. Common Applications
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces.
* **Medical Equipment:** High-reliability power and data transmission.
* **Measurement Devices:** Used for testing equipment that requires frequent plugging and unplugging.
* **Communication:** Robust signal transmission in harsh radio environments.
---
### 5. Maintenance and Handling
To ensure the longevity of the connector:
* **Mating Cycles:** Hirose JR series are rated for hundreds of mating cycles, but contacts should be kept free of dust and oxidation.
* **Sealing:** If used in outdoor environments, ensure the appropriate gaskets are used to maintain environmental ratings.
- ⤷
What is the maximum current capacity per pin for the JR16 series?
- ⤷ What is the specific mating plug part number for the JR16-R-4MFP1?
- ⤷ Does this connector meet IP67 or IP68 waterproof standards?