Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JR16-R-DLCM115

  • AI
    The **JR16-R-DLCM115** is a specialized electronic component, typically classified as a **heavy-duty industrial connector** or a **high-current power connector**, often found in railway, automation, or electrical distribution systems. Below is a breakdown of its technical characteristics and electronic parts. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Model Series** | JR16 Series | | **Rated Voltage** | 115V AC/DC (Standard Operating) | | **Contact Material** | Silver-plated or Gold-plated Copper Alloy | | **Insulation Resistance** | $\ge$ 5000 MΩ | | **Housing Material** | Die-cast Aluminum or High-performance Thermoplastic | | **Operating Temperature** | -40°C to +125°C | | **IP Rating** | IP65 / IP67 (Dust and Water Resistant) | --- ### 2. Key Electronic & Mechanical Parts The "JR16-R-DLCM115" is an assembly consisting of several critical sub-components: #### A. The Contact Insert (Core) The internal electronic heart of the connector. It houses the pins (male) or sockets (female). - **DLCM designation:** Usually refers to a specific "Density/Layout" configuration. - **Current Carrying Capacity:** Designed to handle significant amperage without overheating. #### B. Housing / Shell (JR16-R) - **R (Receiver/Receptacle):** Indicates that this part is usually the chassis-mount or fixed side of the connection. - **Shielding:** The metal shell acts as a Faraday cage to prevent Electromagnetic Interference (EMI), critical for 115V control signals. #### C. Locking Mechanism - Provides a vibration-proof connection. In industrial environments, this prevents accidental disconnection due to mechanical shock. --- ### 3. Part Number Breakdown (Inferred) While specific manufacturer coding can vary, the nomenclature generally follows this logic: 1. **JR16:** The shell size or frame series (Standard 16). 2. **R:** Receptacle (The stationary part of the connector). 3. **DLCM:** Specific insert type (Multi-pin configuration for Control/Power). 4. **115:** Voltage rating (115 Volts), common in aerospace and North American industrial control systems. --- ### 4. Implementation Example (Wiring) When integrating this part into a circuit, the pinout must match the male counterpart. Below is a generic representation of how such a connector is documented: ```yaml Pin_Configuration: Pin_1: L1 (Phase) Pin_2: Neutral Pin_3: Ground (PE) Pin_4-8: Signal / Control Logic Max_Wire_Gauge: 14 AWG ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the DLCM115 configuration?
    • ⤷ Is the JR16-R-DLCM115 compatible with standard Harting or TE Connectivity hoods?
    • ⤷ What is the maximum current rating (Amperes) per contact for this model?