JR16-R-DLDP315
AI

The **JR16-R-DLDP315** is a specific electronic component typically found in industrial control systems, most commonly associated with **motor protection relays** or **thermal overload relays**.
Below is a breakdown of its technical characteristics and functions.
---
### 1. Technical Specifications
This component is designed to protect electrical motors from overheating and phase failures.
| Parameter | Details |
| :--- | :--- |
| **Component Type** | Thermal Overload Relay |
| **Model Series** | JR16 (Standard Industrial Series) |
| **Current Range** | Typically adjustable (Specific to the "315" suffix, often indicating a specific trip range or frame size) |
| **Reset Method** | Manual and Automatic Reset options |
| **Contacts** | Usually 1NO (Normally Open) + 1NC (Normally Closed) |
| **Mounting** | Plug-in for contactors or independent rail mounting |
---
### 2. Core Electronic/Mechanical Parts
The device operates using a combination of thermal physics and mechanical switching:
* **Bimetallic Strips:** The heart of the unit. These consist of two different metals bonded together. As current flows through them, they heat up and bend at different rates, eventually triggering the trip mechanism if the current is too high.
* **Trip Mechanism:** A spring-loaded mechanical assembly that snaps the auxiliary contacts when the bimetallic strips reach a specific deflection point.
* **Adjustment Dial:** A potentiometer-style knob on the front face that allows the user to set the "Full Load Amps" (FLA) of the motor.
* **Auxiliary Contacts:**
* **NC (95-96):** Used to cut power to the contactor coil.
* **NO (97-98):** Used to trigger an external alarm or PLC input.
---
### 3. Functional Features
* **Phase Failure Protection:** This model usually features a differential mechanism. If one phase loses power, the internal sliders move unevenly, causing the relay to trip faster than a standard overload.
* **Temperature Compensation:** Designed to ensure that the ambient temperature of the factory floor does not cause "nuisance tripping."
* **Test/Stop Button:** Allows for manual verification of the internal circuitry and manual disconnection.
---
### 4. Application Logic
The JR16-R-DLDP315 is wired in series with the motor's main power lines.
```mermaid
graph LR
A[Power Supply] --> B[Contactor]
B --> C[JR16-R-DLDP315 Relay]
C --> D[Industrial Motor]
```
If the motor draws excessive current (due to a mechanical jam or bearing failure), the **JR16** detects the heat buildup and opens the contactor circuit, stopping the motor before the windings burn out.
- ⤷
What is the specific current adjustment range for the 315 variant?
- ⤷ How do you wire the auxiliary NC contact to a magnetic contactor?
- ⤷ What is the difference between manual and automatic reset modes on this relay?