JR28-R-4MCT1
AI

The **JR28-R-4MCT1** is a specific model of an **Overload Relay**, commonly used in industrial electrical control systems to protect electric motors from damage caused by overheating, phase failure, or current overload.
---
## 1. Core Technical Specifications
Below are the primary electrical characteristics of the JR28 series (specifically the 4MCT1 variant):
| Parameter | Description |
| :--- | :--- |
| **Product Type** | Thermal Overload Relay |
| **Trip Class** | 10A (Standard protection) |
| **Setting Range** | Typically adjustable (e.g., 2.5A to 4A or similar depending on the specific sub-range) |
| **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) |
| **Rated Voltage (Ue)** | Up to 690V AC |
| **Mounting** | Compatible with specific AC contactors (Direct plug-in) |
---
## 2. Key Electronic & Mechanical Components
The device functions through a combination of thermal mechanics and electrical switching:
### A. Bimetallic Elements
The heart of the JR28 is the **bimetallic strip**. As current flows through these strips to the motor:
* **Thermal Expansion:** Excessive current causes the strips to heat up and bend.
* **Tripping Mechanism:** Once the bend reaches a certain threshold, it triggers a mechanical lever that opens the control circuit.
### B. Auxiliary Contacts (95-96 / 97-98)
* **95-96 (NC):** Usually wired in series with the contactor coil. It opens during a fault to stop the motor.
* **97-98 (NO):** Usually used for an alarm or indicator light to signal that a trip has occurred.
### C. Adjustment Dial
A physical potentiometer-style dial on the front allows the user to set the exact "Full Load Amps" (FLA) of the motor. This calibrates the sensitivity of the bimetallic strips.
---
## 3. Protective Functions
The JR28-R-4MCT1 provides three main layers of protection:
1. **Overload Protection:** Prevents the motor from running at currents higher than its rated capacity for extended periods.
2. **Phase Failure Protection:** If one phase of a three-phase system drops out, the relay detects the resulting imbalance and trips.
3. **Temperature Compensation:** It is designed to maintain consistent tripping characteristics regardless of the ambient temperature in the control cabinet.
---
## 4. Operation Modes
* **Manual/Auto Reset:** A blue selector button allows the user to choose between manually resetting the device after a trip or letting it reset automatically once the bimetallic strips cool down.
* **Test Button:** A red button (usually) that manually simulates a trip condition to verify that the auxiliary contacts are working correctly.
- ⤷
How do I wire the NC contact to an AC contactor coil?
- ⤷ What is the difference between Trip Class 10 and Class 20?
- ⤷ Can this relay be mounted on a DIN rail independently?