AI

The **JRQ2-12-R** is a high-performance, subminiature intermediate power relay, typically used in industrial automation, communication equipment, and household appliances. It is designed for PCB (Printed Circuit Board) mounting.
---
### ## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the JRQ2-12-R relay:
| Parameter | Specification |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Contact Material** | Silver Alloy (often AgNi or AgSnO2) |
| **Max Switching Current** | 2A to 5A (model dependent, usually 2A for signal types) |
| **Max Switching Voltage** | 250VAC / 125VDC |
| **Coil Power Consumption** | Approx. 150mW to 200mW (High sensitivity) |
| **Dielectric Strength** | 1000VAC (between open contacts) |
| **Mounting Type** | Through-hole PCB |
---
### ## 2. Core Electronic Components
The device functions through the interaction of three main internal sections:
#### **A. The Electromagnetic Coil**
* **Function:** Converts the 12V DC electrical input into a magnetic field.
* **Construction:** Fine copper wire wound around a core. When energized, it pulls the armature toward the core.
#### **B. The Contact System (DPDT)**
* **Structure:** Since it is a **2 Form C** relay, it contains two independent sets of change-over contacts.
* **Operation:** Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) pin.
* **Application:** This allows the relay to switch two separate circuits simultaneously or reverse the polarity of a motor.
#### **C. The Mechanical Frame**
* **Armature & Spring:** A mechanical linkage that returns the contacts to their default (NC) position once the 12V power is removed from the coil.
* **Housing:** Usually a plastic sealed (wash-tight) enclosure to protect internal parts from dust and soldering flux.
---
### ## 3. Typical Circuit Application
When integrating the JRQ2-12-R into a circuit, developers usually include a **Flyback Diode** (Freewheeling Diode) in parallel with the coil.
```python
# Simple Relay Driver Logic
# [VCC 12V] ---> [Relay Coil (+)]
# [Relay Coil (-)] ---> [Collector of NPN Transistor]
# [Emitter of NPN] ---> [GND]
# [Diode 1N4148] ---> [Parallel to Coil, Cathode to VCC]
```
---
### ## 4. Key Advantages
1. **Small Footprint:** Ideal for high-density PCB layouts.
2. **Low Power Consumption:** Can be driven by low-power transistors or integrated circuits with minimal heat generation.
3. **High Isolation:** Provides physical separation between the low-voltage control logic and high-voltage loads.
- ⤷
What is the pinout configuration for the JRQ2-12-R?
- ⤷ Can this relay be driven directly by an Arduino GPIO pin?
- ⤷ What is the mechanical life expectancy of this relay in cycles?