JRQ2-7E-R
AI

The **JRQ2-7E-R** is a specific model of a **Miniature Intermediate Relay**, commonly used in industrial automation, control panels, and PCB designs. It is designed to act as an electrically operated switch that allows a low-power signal to control a much higher-power circuit.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the JRQ2 series, here are the technical characteristics:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Electromechanical Relay |
| **Mounting Type** | PCB (Printed Circuit Board) through-hole |
| **Contact Arrangement** | Typically 2 Form C (DPDT - Double Pole Double Throw) |
| **Coil Voltage** | Depending on sub-variant (7V to 12V range common) |
| **Contact Rating** | Usually 1A to 3A at 30VDC / 125VAC |
| **Termination** | Solder Pins |
---
### 2. Internal Electronic Structure
The device consists of four primary internal electronic/mechanical parts:
1. **The Coil:** An internal copper winding that creates a magnetic field when energized.
2. **The Armature:** A moving lever that responds to the magnetic field.
3. **Spring Mechanism:** Returns the armature to its original position when power is removed.
4. **Contacts:** The physical "switch" points made of silver alloy (often gold-plated) to ensure low electrical resistance and prevent oxidation.
---
### 3. Terminal Configuration
While you should always verify with a specific datasheet, the "2" in the prefix usually denotes the number of poles.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Coil Pins** | Input | Connects to the control circuit (e.g., a microcontroller via a transistor). |
| **COM (Common)** | Pole | The moving part of the switch connected to the load. |
| **NC (Normally Closed)** | Default Path | The circuit is closed when the relay is **OFF**. |
| **NO (Normally Open)** | Triggered Path | The circuit closes only when the relay is **ON**. |
---
### 4. Application Use Cases
* **Signal Switching:** Used in telecommunications and test equipment to route low-level signals.
* **Isolation:** Providing galvanic isolation between a low-voltage DC controller and a high-voltage AC load.
* **Logic Expansion:** Using one output signal to trigger two separate circuits simultaneously.
- ⤷
What is the maximum switching voltage for the JRQ2-7E-R?
- ⤷How do I calculate the flyback diode needed for this relay coil?
- ⤷Is there a solid-state equivalent to the JRQ2-7E-R for high-speed switching?