Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JS0208AP4-R

  • AI
    The **JS0208AP4-R** is a specific type of **DIP (Dual In-line Package) Switch**. These components are widely used in electronics to set manual configurations, binary addresses, or hardware options on a printed circuit board (PCB). --- ## 1. Technical Specifications The JS0208AP4-R is typically manufactured by brands like **C&K** (now part of Littelfuse). Below are the core technical parameters: | Parameter | Specification | | :--- | :--- | | **Switch Type** | DIP / Slide Switch | | **Number of Positions** | 8 Positions (8 individual switches) | | **Actuator Style** | Recessed Slide (flush with the housing) | | **Contact Rating** | 25mA @ 24V DC (Switching) / 100mA @ 50V DC (Non-switching) | | **Mounting Type** | Through-hole (THT) | | **Pitch** | 2.54 mm (0.100") - Standard Breadboard Spacing | | **Materials** | Gold-plated contacts for high reliability | --- ## 2. Key Features * **Recessed Actuator:** The "AP" in the part number often denotes a recessed actuator. This design prevents accidental switching, as a tool (like a small screwdriver or pen tip) is required to toggle the positions. * **Sealing:** These switches are often process-sealed with a removable tape, allowing them to withstand wave soldering and aqueous cleaning without internal contamination. * **Binary Configuration:** With 8 positions, this switch can represent an 8-bit byte, allowing for 256 ($2^8$) different unique hardware configurations. --- ## 3. Pinout and Internal Logic The part features two parallel rows of pins. Each numbered switch (1 through 8) operates independently as a simple **SPST (Single Pole Single Throw)** switch. ```text TOP VIEW +------------+ 1 | [ ] ON | 16 2 | [ ] | 15 3 | [ ] | 14 4 | [ ] | 13 5 | [ ] | 12 6 | [ ] | 11 7 | [ ] | 10 8 | [ ] | 9 +------------+ ``` * **OFF Position:** The circuit between the two corresponding pins (e.g., Pin 1 and Pin 16) is open. * **ON Position:** The circuit is closed (shorted), allowing current to flow. --- ## 4. Common Applications 1. **Address Setting:** Used in industrial RS-485 or DMX512 lighting networks to give a device a unique ID. 2. **Logic Configuration:** Setting baud rates, time delays, or operating modes in embedded systems. 3. **Security Systems:** Manual coding for wireless garage door openers or alarm sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the recessed and extended actuator versions of this switch?
    • ⤷ How should I wire this to a microcontroller to avoid floating inputs?
    • ⤷ What is the recommended soldering temperature for the JS0208AP4-R?