Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JSGC

  • AI
    The term **JSGC** most commonly refers to the **Jiangsu General Corp**, but in the context of electronics and industry standards, it is often associated with specialized **Cable Connectors**, **Wire Harnesses**, and **Electronic Junction systems** used in automotive and industrial automation. Below is an overview of the electronic components and technical specifications associated with JSGC-style parts. --- ## 1. Primary Electronic Categories JSGC products typically fall into three main categories of electronic hardware: | Category | Description | Common Applications | | :--- | :--- | :--- | | **Circular Connectors** | Multi-pin aviation-style plugs used for power and signal transmission. | CNC Machines, Robotics | | **Wire Harnesses** | Pre-assembled groups of wires used to transmit electric power or signals. | Automotive, Home Appliances | | **Terminal Blocks** | Modular, insulated blocks that secure two or more wires together. | Control Panels, Distribution Boxes | --- ## 2. Technical Specifications Electronic parts under the JSGC branding or similar industrial standards usually adhere to these technical parameters: ### Electrical Properties * **Rated Voltage:** Typically ranges from **250V to 600V** depending on the insulation thickness. * **Current Rating:** Varies by pin count; standard pins usually support **5A to 20A**. * **Contact Resistance:** Generally low ($\leq 5m\Omega$) to prevent overheating during high-current draw. ### Material Composition * **Contacts:** Usually made of **Phosphor Bronze** or **Brass** with Gold or Tin plating for high conductivity. * **Insulator:** High-grade plastics like **PBT** or **Nylon 66** (UL94V-0 flame retardant). * **Housing:** Often features Zinc alloy or high-impact polycarbonate. --- ## 3. Key Features of JSGC Components 1. **Vibration Resistance:** Most connectors feature a locking mechanism (screw-thread or bayonet) to prevent accidental disconnection in mobile machinery. 2. **Environmental Sealing:** Many parts are rated **IP67 or IP68**, making them dust-tight and waterproof. 3. **EMI Shielding:** Higher-end electronic connectors include metal shells to protect signals from Electromagnetic Interference. --- ## 4. Example Identification Code When looking at JSGC electronic parts, the part numbers often follow a logic similar to this: ```json { "Prefix": "JSGC", "Series": "M12", "Pins": "4P", "Type": "Male/Plug", "Rating": "IP67" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between IP67 and IP68 ratings for these connectors?
    • ⤷ How do I choose the correct wire gauge for a JSGC terminal block?
    • ⤷ Are JSGC electronic parts compatible with standard M12 aviation cables?