JWT100-5FF-R
AI

The **JWT100-5FF-R** is a specific model within the **JWT Series** of open-frame, triple-output AC-DC switching power supplies manufactured by **TDK-Lambda**. These units are widely recognized for their reliability in industrial and medical equipment.
---
### 1. General Specifications
Below are the primary electrical characteristics of the JWT100-5FF-R:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | TDK-Lambda |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Total Output Power** | 100 Watts |
| **Number of Outputs** | 3 (Triple Output) |
| **Cooling** | Convection Cooled |
| **Safety Standard** | UL60950-1, CSA C22.2 No.60950-1, EN60950-1 |
---
### 2. Output Configuration
This specific model (5FF) defines the voltage and current ratings for each of the three output channels:
| Output | Nominal Voltage | Max Current | Adjustment Range |
| :--- | :--- | :--- | :--- |
| **V1** | +5 VDC | 13.0 A | 5.0 - 5.25 V |
| **V2** | +15 VDC | 3.5 A | Fixed |
| **V3** | -15 VDC | 1.0 A | Fixed |
---
### 3. Key Electronic Components & Features
The "R" suffix and the series architecture include several critical electronic safeguards:
* **PFC (Power Factor Correction):** The unit includes active power factor correction to ensure high efficiency and compliance with EN61000-3-2 standards.
* **Remote ON/OFF Control:** The **"-R"** suffix specifically indicates that this model includes a **Remote On/Off** terminal, allowing the power supply to be toggled via an external signal without cutting the AC line.
* **Overvoltage Protection (OVP):** Integrated on the +5V (V1) output to prevent damage to sensitive logic circuits.
* **Overcurrent Protection (OCP):** Current limiting is standard on all outputs to prevent damage during short circuits or overloads.
* **EMI Filtering:** Built-in line filters reduce conducted noise, meeting FCC Class B and VCCI-B standards.
---
### 4. Physical Layout
The unit is an "Open Frame" type, meaning the PCB is exposed.
- **Input Connector:** Usually located on one end (CN1).
- **Output Connector:** High-current terminals or headers on the opposite end (CN2/CN3).
- **Potentiometer:** A small trimmer (V.ADJ) is provided to fine-tune the 5V rail.
- ⤷
What are the mounting dimensions and pinout for the JWT100-5FF-R?
- ⤷ Can this power supply be used in medical applications requiring 60601-1 certification?
- ⤷ How does the remote ON/OFF function specifically interface with external logic?