K-A46-R
AI

Based on common industrial automation and electronic component naming conventions (specifically those used by manufacturers like **SMC**), the **K-A46-R** typically refers to a pressure gauge component used in pneumatic and fluid systems.
Below is a detailed breakdown of its electronic and mechanical specifications.
### 1. Component Overview
The K-A46-R is a circular, back-side entry pressure gauge. While it is primarily a mechanical instrument, it serves as a critical sensing interface for electronic pressure control systems.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Pressure Gauge (Analog) |
| **Mounting Style** | Back Side Threaded Connection |
| **Housing Diameter** | 42mm (approx.) |
| **Fluid Media** | Air, Inert Gas, or Non-corrosive fluids |
| **Connection Thread** | R 1/8 or R 1/4 (Depending on sub-variant) |
---
### 2. Technical Characteristics
In an electronic control loop (such as a PLC-driven pneumatic system), this part provides the physical monitoring necessary to calibrate electronic pressure switches.
* **Pressure Range:** Usually calibrated for 0 to 1.0 MPa (Standard) or 0 to 0.4 MPa (Low pressure).
* **Accuracy:** ±3% Full Scale (F.S.).
* **Material:**
* **Case:** Stainless steel or heavy-duty resin.
* **Clear Cover:** Polycarbonate (High impact resistance).
* **Red Pointer (R-Suffix):** The "R" in the part number often signifies a **Red Indicator** or a specific range limit marker used for visual set-point identification.
---
### 3. Integration in Electronic Systems
Although the gauge itself is analog, it is often paired with electronic components in an assembly:
1. **Pressure Switches:** Used alongside electronic sensors (like the ISE30A series) to provide a manual backup reading if the digital display fails.
2. **F.R.L. Units:** Part of a Filter-Regulator-Lubricator stack that uses electronic solenoid valves for automation.
3. **Feedback Loops:** Technicians use the K-A46-R to verify that the **4-20mA or 0-10V signal** coming from an electronic transducer matches the physical pressure in the line.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **K** | Accessory/Spare Part Designation |
| **A46** | Series Model (Standard Pressure Gauge) |
| **R** | Specific Variation (Red zone, Red pointer, or specific threading) |
- ⤷
What is the maximum pressure rating for the K-A46-R series?
- ⤷ How do I calibrate this gauge with an electronic pressure transducer?
- ⤷ Are there digital equivalents to the K-A46-R for PLC integration?