Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • K-Z16-R

  • AI
    The **K-Z16-R** is a specific type of logic control or interface module, most commonly associated with **Zelio Logic (Schneider Electric)** series or similar industrial automation expansion modules. It serves as a relay output interface designed to manage electrical loads from a PLC or logic controller. --- ### 1. Technical Specifications Below are the primary electronic characteristics typical of this component: | Feature | Specification | | :--- | :--- | | **Output Type** | Electromechanical Relay | | **Number of Channels** | 16 Channels (Discrete Outputs) | | **Operating Voltage** | Typically 24V DC (Coil side) | | **Switching Voltage** | Up to 250V AC / 30V DC | | **Current Rating** | ~2A to 5A per channel (load dependent) | | **Connection Type** | Screw terminals or Ribbon cable (HE10) | | **Isolation** | Opto-isolated between logic and power | --- ### 2. Key Electronic Components The internal architecture of the K-Z16-R consists of several critical electronic parts: #### A. Relay Units * **Function:** Physical switches that open or close the circuit. * **Purpose:** Provides galvanic isolation between the low-power control circuit and the high-power load circuit. #### B. Free-wheeling Diodes (Flyback Diodes) * **Function:** Placed across the relay coils. * **Purpose:** Protects the driving transistors from high-voltage spikes (back EMF) generated when the relay coil is de-energized. #### C. Status LEDs * **Function:** Small Light Emitting Diodes for each channel. * **Purpose:** Visual diagnostics to show which specific output is currently energized. #### D. Input Protection * **Function:** Resistors and Opto-couplers. * **Purpose:** Ensures that the input signals from the PLC are conditioned and do not damage the internal circuitry if a surge occurs. --- ### 3. Application and Usage The K-Z16-R acts as the "hands" of an automation system. Its main roles include: 1. **Signal Multiplication:** Taking one logic signal to trigger a larger electrical load. 2. **Voltage Level Shifting:** Allowing a 24V PLC to control a 220V AC motor or lamp. 3. **Circuit Protection:** Acting as a sacrificial barrier; if a short circuit occurs on the load side, the relay module is damaged rather than the expensive PLC CPU. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the K-Z16-R relays?
    • ⤷ How do I wire a common-ground configuration for this module?
    • ⤷ Are there solid-state alternatives to the K-Z16-R for high-speed switching?