K1-8-R
AI

The **K1-8-R** is a specific electronic component typically identified as a **tactile switch** (or push-button switch) characterized by its compact, right-angle surface mount design. These are commonly used in consumer electronics, automotive controls, and telecommunications equipment.
### 1. General Specifications
The K1-8-R belongs to the category of electromechanical components. Below are the typical technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile / Momentary |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Orientation** | Right Angle |
| **Actuation Force** | 160gf to 250gf (depending on sub-variant) |
| **Contact Rating** | 50mA @ 12V DC |
| **Life Cycle** | 50,000 to 100,000 cycles |
| **Operating Temp** | -25°C to +70°C |
---
### 2. Physical Design and Construction
The "R" in the part number usually signifies **Right Angle**, meaning the button is pressed parallel to the PCB, which is ideal for side-mounted buttons on devices like smartphones or handheld controllers.
* **Actuator:** The physical button pressed by the user.
* **Contact Dome:** Usually made of stainless steel or phosphor bronze with silver plating to provide tactile feedback (the "click").
* **Terminals:** Usually G-wing or J-wing leads for surface mounting.
* **Housing:** High-temperature plastic (LCP or Nylon) to withstand reflow soldering.
---
### 3. Circuit Configuration
Most K1-8-R tactile switches use a **SPST (Single Pole Single Throw)** normally open configuration.
```cpp
// Logic Representation
// [Terminal A] ----/ ---- [Terminal B]
// (Open by default; connection made when pressed)
```
---
### 4. Common Applications
* **Consumer Electronics:** Power buttons on cameras, volume rockers on tablets.
* **Industrial:** Reset switches on embedded controller boards.
* **Automotive:** Interface buttons for infotainment or window controls.
* **Wearables:** Side buttons for smartwatches where space is extremely limited.
---
- ⤷
What are the footprint dimensions for the K1-8-R PCB layout?
- ⤷ Is the K1-8-R compatible with lead-free reflow soldering processes?
- ⤷ Are there waterproof (IP67) versions of the K1-8-R tactile switch?