K1100BACS-R
AI

The **K1100BACS-R** is a specific electronic component primarily identified as a **Crystal Oscillator**. These parts are essential in electronic circuits for generating stable clock signals.
---
## 1. Component Overview
The K1100 series, often manufactured by companies like **Microchip (formerly Microsemi/Vectron)** or **Kyocera**, is a legacy line of quartz crystal oscillators. The "R" suffix typically denotes **RoHS compliance** (Lead-free).
### Key Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Package Type** | 14-Pin DIP (Full Size) |
| **Technology** | Quartz Crystal (XO) |
| **Output Type** | TTL / CMOS Compatible |
| **Voltage Supply** | Usually 5.0V DC |
| **Frequency Range** | Fixed (Varies by specific sub-model) |
| **Standard Stability** | ±100 ppm or ±50 ppm |
---
## 2. Pin Configuration
Although it uses a 14-pin DIP footprint, only four pins are physically connected to the internal circuitry:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Positive Power Supply (+5V) |
---
## 3. Circuit Application
In an electronic system, the K1100BACS-R acts as the "heartbeat." It provides a steady pulse that synchronizes the operations of other components.
* **Microprocessors:** Providing the base clock for CPU cycles.
* **Networking:** Timing for data transmission in Ethernet or Serial interfaces.
* **Legacy Systems:** Commonly found in older industrial controllers and 80s/90s computing hardware due to its robust DIP package.
---
## 4. Technical Characteristics
* **Hermetic Sealing:** The metal "can" package is hermetically sealed to protect the quartz crystal from moisture and atmospheric changes, ensuring long-term frequency stability.
* **Waveform:** It produces a **Square Wave** output, which is standard for digital logic circuits.
* **Through-Hole Mounting:** Designed for traditional PCB soldering or insertion into IC sockets.
- ⤷
What is the exact frequency of the K1100BACS-R model?
- ⤷ Are there modern surface-mount (SMD) equivalents for this oscillator?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?