K1110BAC-R
AI

### K1110BAC-R: Overview and Technical Specifications
The **K1110BAC-R** is a specific model of a **Crystal Clock Oscillator**, typically manufactured by companies like **Microchip (formerly Vectron/CTS)** or similar high-precision timing component providers. It belongs to the K1100 series, which are industry-standard, high-reliability oscillators used to provide a stable frequency for digital circuits.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for the K1110BAC-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) | Full-size / Half-size DIP package |
| **Frequency Range** | Usually 1.0 MHz to 100 MHz | (Specific value depends on variant) |
| **Supply Voltage (Vcc)** | +5.0V DC (±10%) | Standard TTL/CMOS voltage |
| **Output Type** | TTL / CMOS Compatible | Capable of driving multiple loads |
| **Package Style** | 14-pin DIP (4 pins used) | Metal hermetic seal |
| **Operating Temp** | 0°C to +70°C | Commercial grade |
| **Frequency Stability** | ±100 ppm | Standard stability over temperature |
---
### 2. Pin Configuration
Although the device is shaped like a 14-pin Integrated Circuit (DIP), only four pins are electrically functional.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground / Case Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | Vcc | Power Supply (+5V) |
---
### 3. Core Electronic Components
Inside the metal housing (can), the K1110BAC-R consists of several critical parts:
* **Quartz Crystal Resonator:** The "heart" of the component, providing the fundamental physical vibration.
* **Oscillator Integrated Circuit (IC):** An internal amplifier and feedback loop that maintains the crystal's vibration.
* **Bypass Capacitors:** Internal surface-mount capacitors to reduce power supply noise.
* **Hermetic Metal Package:** The outer shell is filled with nitrogen and sealed to prevent moisture from affecting the frequency.
---
### 4. Circuit Implementation
To use this part in a circuit, follow this basic schematic logic:
```c
// Connection Logic:
1. Connect Pin 7 to System Ground (GND).
2. Connect Pin 14 to +5.0V.
3. Place a 0.01uF to 0.1uF decoupling capacitor near Pin 14.
4. Take the clock signal from Pin 8 to your MCU/FPGA/Logic gate.
```
---
### 5. Common Applications
* **Microprocessor Clocks:** Providing the master heartbeat for CPUs.
* **Networking Gear:** Timing for Ethernet or data transmission.
* **Industrial Controllers:** Reliable clocking for PLCs and embedded systems.
* **Legacy Hardware:** Often found in vintage computing equipment due to the 14-pin DIP form factor.
- ⤷
What is the specific frequency of your K1110BAC-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this DIP part?
- ⤷ Are you experiencing issues with frequency drift or signal noise in your circuit?