K1150BACEM-R
AI

### Analysis of K1150BACEM-R
The **K1150BACEM-R** is a high-precision, industrial-grade **Crystal Oscillator** (XO) manufactured by **Kyocera**. It belongs to the K1150 series, which is characterized by its robust performance in telecommunications and networking hardware.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Output Frequency** | 1.0000 MHz to 70.0000 MHz (Specific to exact sub-model) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{CC}$)** | 5.0V DC (Typical) |
| **Frequency Stability** | ±100 ppm (Standard for the -R series) |
| **Operating Temp Range** | 0°C to +70°C (Commercial) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **RoHS Status** | Compliant (Indicated by -R suffix) |
---
### 2. Internal Block Diagram & Logic
The device is a self-contained timing unit that integrates the following components into a single hermetically sealed metal package:
* **Quartz Crystal Resonator:** The mechanical reference for frequency.
* **Oscillator IC:** Provides the gain to sustain oscillation and shapes the output waveform.
* **Output Buffer:** Ensures the signal can drive the specified load (usually 15pF to 50pF) without frequency pulling.
---
### 3. Pin Configuration (14-Pin DIP Layout)
Although it has a 14-pin footprint, only 4 pins are typically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / E/D | No Connection or Output Enable/Disable |
| **7** | GND | Circuit and Case Ground |
| **8** | Output | Square wave clock signal output |
| **14** | $V_{CC}$ | +5.0V Power Supply |
---
### 4. Key Application Areas
Due to its 5V operation and stable CMOS output, it is commonly found in:
1. **Legacy Computing:** Microprocessor clocking for older systems requiring 5V logic.
2. **Industrial Controllers:** PLC (Programmable Logic Controller) timing.
3. **Networking:** Base stations and routers requiring high-reliability clock references.
4. **Test Equipment:** Signal generators and frequency counters.
---
### 5. Implementation Notes
* **Bypass Capacitor:** It is highly recommended to place a **0.01µF to 0.1µF** ceramic capacitor between Pin 14 ($V_{CC}$) and Pin 7 (GND) as close to the device as possible to reduce noise.
* **Termination:** If the clock trace is long, a series termination resistor (typically 22Ω to 47Ω) should be used at the output pin to prevent signal overshoot and ringing.
- ⤷
What is the specific frequency of your K1150BACEM-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
- ⤷ Are you troubleshooting a clock signal issue in an existing circuit?