K1150BACM-R
AI

The **K1150BACM-R** is a specific electronic component primarily identified as a **Crystal Oscillator**. It is commonly used in telecommunications, networking, and industrial computing to provide a stable clock frequency.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Component Identification
| Property | Description |
| :--- | :--- |
| **Component Type** | Clock Oscillator (SPXO - Simple Packaged Crystal Oscillator) |
| **Manufacturer** | Often associated with **Microsemi** or **CTS Electronic Components** (Legacy Series) |
| **Package Style** | Through-Hole (DIP-14 or DIP-8 footprint, usually 4-pins used) |
| **Termination** | Lead-Free / RoHS Compliant (Indicated by the "-R" suffix) |
---
## 2. Key Specifications
While specific datasheets may vary slightly by production year, the "K1150" series generally follows these parameters:
### Electrical Characteristics
* **Frequency Range:** Typically ranges from 1.0 MHz to 100.0 MHz (The specific frequency is usually printed on the top of the can).
* **Supply Voltage ($V_{cc}$):** Standard **5.0V DC** (±10%).
* **Output Logic:** **TTL / CMOS** compatible. This means it can drive standard digital logic circuits directly.
* **Stability:** Usually ±50ppm or ±100ppm (parts per million) over the operating temperature range.
### Physical Characteristics
* **Case:** Hermetically sealed metal "can" to prevent moisture and electromagnetic interference (EMI).
* **Mounting:** Through-hole technology (THT).
* **Pin Configuration:**
1. **NC (No Connect)** or Tri-state Control.
2. **Ground (GND).**
3. **Output.**
4. **$V_{cc}$ (Power).**
---
## 3. Functionality and Usage
### How it Works
Unlike a passive crystal (which requires external capacitors and an inverter), the K1150BACM-R is an **active oscillator**. When 5V is applied across the $V_{cc}$ and Ground pins, it immediately begins outputting a square wave at its fixed frequency on the Output pin.
### Common Applications
* **Microprocessor Clocks:** Providing the "heartbeat" for older or industrial CPUs.
* **Ethernet Controllers:** Timing for data packet transmission.
* **Embedded Systems:** Reliable timing in harsh environments due to the metal casing.
* **Legacy Hardware Maintenance:** Often found in telecommunications rack equipment.
---
## 4. Deciphering the Part Number
* **K1150:** The series identifier (Standard 5V Crystal Oscillator).
* **BACM:** Internal manufacturer codes for stability, temperature range (usually 0°C to 70°C), and duty cycle (40/60%).
* **-R:** Denotes **RoHS Compliance**, meaning the part is manufactured without lead or other hazardous substances.
---
- ⤷
What is the specific frequency printed on your K1150BACM-R unit?
- ⤷ How do I test if this oscillator is functioning using an oscilloscope?
- ⤷ Are there modern SMD (Surface Mount) equivalents for this through-hole component?