K1601TEW-R
AI

The **K1601TEW-R** is a high-performance **Step-Down (Buck) DC-DC Converter Module** manufactured by **Kyocera**. These modules are designed for high-density power applications where space is limited and reliability is critical.
---
## 1. Core Specifications
The K1601TEW-R belongs to a family of non-isolated point-of-load (POL) converters.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 14.0V DC |
| **Output Voltage Range** | 0.75V to 5.0V (Adjustable) |
| **Output Current** | 16A (Maximum) |
| **Efficiency** | Up to 94% |
| **Switching Frequency** | ~300 kHz |
| **Package Type** | SMT (Surface Mount Technology) |
---
## 2. Key Internal Components & Features
The module integrates several electronic stages into a single shielded package:
### A. Power MOSFETs
The device uses integrated high-side and low-side N-channel MOSFETs. These are optimized for low $R_{DS(on)}$ to minimize heat dissipation during high-current 16A operations.
### B. Controller Circuitry
* **PWM Control:** Uses pulse-width modulation to regulate the output voltage.
* **Feedback Loop:** High-speed error amplifiers ensure the output remains stable even during sudden load changes (transient response).
### C. Protection Circuitry
The module includes "intelligent" safety features:
* **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit.
* **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safety limits.
* **Under-Voltage Lockout (UVLO):** Prevents the module from starting if the input voltage is too low to ensure stable operation.
---
## 3. Typical Application Circuit
To use the K1601TEW-R, minimal external components are required. Below is the standard configuration:
```text
Input (12V) ----[ Cin ]----+-----------+
| |
[VIN] [VOUT]----[ Cout ]---- Output (3.3V)
| K1601 |
[Enable]----------------[ON/OFF] [GND]
| |
[Trim Resistor]----------[TRIM]--------+
```
* **Cin/Cout:** Ceramic capacitors used to filter input/output ripple.
* **Trim Resistor:** A specific resistor value placed between the Trim pin and GND sets the output voltage (e.g., a specific Ohmic value results in 1.8V).
---
## 4. Advantages
1. **Space Saving:** Because the inductor and power stages are integrated, it occupies much less PCB real estate than a discrete buck converter design.
2. **Thermal Management:** The "TEW" series often features enhanced thermal pads for better heat transfer to the PCB.
3. **Low Noise:** Integrated shielding helps reduce Electromagnetic Interference (EMI).
- ⤷
How do I calculate the Trim resistor value for a specific output voltage?
- ⤷ What are the recommended input and output capacitor values for this module?
- ⤷ Can this module be operated in parallel with another K1601TEW-R for higher current?