Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • K1602TE-R

  • AI
    The **K1602TE-R** is a specialized high-performance microcontroller, primarily developed by Russian semiconductor manufacturers (such as Milandr). It is based on a digital signal processing (DSP) architecture and is designed for applications requiring high computational power and reliability. --- ### ## Technical Specifications The following table summarizes the key electronic characteristics of the K1602TE-R: | Feature | Specification | | :--- | :--- | | **Core Architecture** | 16-bit / 32-bit DSP Core | | **Clock Frequency** | Up to 100 MHz (typical) | | **Supply Voltage** | 3.3V (I/O) / 1.8V (Core) | | **Instruction Set** | Optimized for Signal Processing (MAC operations) | | **Package Type** | LQFP-144 or specialized ceramic packages | | **Operating Temp** | -60°C to +125°C (Military/Industrial grade) | --- ### ## Core Electronic Components & Architecture #### 1. Computational Unit The heart of the K1602TE-R is its **Arithmetic Logic Unit (ALU)** and **Multiplier-Accumulator (MAC)**. * It is designed to perform complex mathematical operations (like Fast Fourier Transforms or digital filtering) in a single clock cycle. * It utilizes a **Harvard Architecture**, meaning it has separate bus paths for instruction and data to increase throughput. #### 2. Memory System The chip integrates several layers of memory to prevent data bottlenecks: * **Internal SRAM:** High-speed memory for data and code execution. * **External Memory Interface:** Allows connection to Flash or asynchronous SRAM for larger firmware requirements. * **Boot ROM:** Contains the initial startup sequences. #### 3. Peripheral Interfaces The "R" suffix often denotes specific revisions or hardened characteristics. The K1602TE-R typically includes: * **UART/SPI/I2C:** For standard serial communication with sensors. * **PWM Controllers:** Used for motor control or power management. * **Timers/Counters:** High-precision timing units for real-time applications. * **DMA Controller:** Direct Memory Access allows peripherals to move data without stressing the CPU core. #### 4. Electrical Robustness One of the defining "parts" of this IC is its physical construction. It is often built to withstand: * **High Thermal Stress:** Operational in extreme cold and heat. * **Electromagnetic Interference (EMI):** The internal circuitry is shielded to maintain signal integrity in harsh industrial or aerospace environments. --- ### ## Application Areas Due to its DSP nature, the K1602TE-R is found in: * **Digital Radio:** Processing modulation and demodulation. * **Control Systems:** High-speed feedback loops in robotics or aviation. * **Signal Analysis:** Real-time filtering of sensor data.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the K1602TE-R and standard DSPs?
    • ⤷ How does the power consumption of the K1602TE-R compare at maximum clock speed?
    • ⤷ What development tools or compilers are required for this specific architecture?