Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • K4MPTSP

  • AI
    The **K4MPTSP** is an identification code typically associated with specific high-density memory modules, specifically **LPDDR4 (Low Power Double Data Rate 4)** DRAM produced by **Samsung Electronics**. These components are essential in mobile technology, high-end laptops, and embedded systems where power efficiency and high data bandwidth are critical. --- ### 1. Technical Specifications The "K4M" prefix in Samsung's nomenclature identifies the part as a Mobile DRAM component. | Feature | Description | | :--- | :--- | | **Technology** | LPDDR4 / LPDDR4X | | **Interface** | Low Voltage Swing Terminated Logic (LVSTL) | | **Voltage** | ~1.1V (VDD1), ~1.8V (VDDQ) - varies by generation | | **Configuration** | Multichannel architecture (usually Dual-Channel) | | **Packaging** | FBGA (Fine-pitch Ball Grid Array) | --- ### 2. Key Internal Components The electronic structure of a K4MPTSP module consists of several sophisticated layers: 1. **Memory Array**: A dense grid of capacitors and transistors. Each bit of data is stored as a charge in a microscopic capacitor. 2. **Command/Address (C/A) Bus**: The circuitry that interprets signals from the CPU to locate specific memory addresses. 3. **Data I/O Pins**: The physical balls on the bottom of the FBGA package that transfer data at high speeds (often exceeding 3200 MT/s). 4. **On-Die Termination (ODT)**: Internal resistors that improve signal integrity by preventing data "reflections" on the high-speed bus. --- ### 3. Common Applications Due to its small footprint and energy-saving capabilities, you will find these parts in: * **Smartphones**: Acting as the primary System RAM. * **Ultra-portables**: Integrated directly onto the motherboard of thin laptops (e.g., MacBooks, Dell XPS). * **Automotive Systems**: Powering advanced driver-assistance systems (ADAS) and digital cockpits. --- ### 4. Part Number Breakdown (General Samsung Format) While specific suffixes can vary, here is how to read the "K4M" sequence: | Segment | Meaning | | :--- | :--- | | **K** | Samsung Memory | | **4** | DRAM | | **M** | Mobile / LPDDR | | **P/T/S/P** | Specifics regarding Density, Revision, and Temperature Rating | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between LPDDR4 and LPDDR4X in these modules?
    • ⤷ How does the FBGA packaging affect the repairability of devices using K4MPTSP?
    • ⤷ What are the common failure symptoms of a mobile DRAM chip?