Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KAC-A55-R

  • AI
    The **KAC-A55-R** is a high-performance, single-channel (monoblock) digital amplifier module, primarily utilized in industrial audio, professional sound systems, or high-fidelity active speaker designs. It is known for its high efficiency and compact footprint. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Amplifier Type** | Class D (Digital) | | **Output Power** | 50W - 60W (at 4Ω - 8Ω depending on voltage) | | **Operating Voltage** | DC 12V to 24V | | **Signal-to-Noise Ratio (SNR)** | >90dB | | **Frequency Response** | 20Hz - 20kHz | | **Efficiency** | >90% | --- ### 2. Core Electronic Components & Architecture The KAC-A55-R module is composed of several critical electronic sections that manage power, signal processing, and thermal safety: #### A. The Main Power IC At the heart of the module is usually a **Class D Power Amplifier Chip** (often from the TPA series or similar high-efficiency silicon). - **Function:** It uses Pulse Width Modulation (PWM) to switch the output transistors at high frequencies, ensuring minimal power loss as heat. #### B. Output Filter (LC Network) Because Class D amplifiers produce high-frequency switching noise, the module includes an **LC Low-Pass Filter**: - **Inductors:** Large wire-wound coils that store energy and smooth the current. - **Capacitors:** High-quality film or electrolytic capacitors that filter out the high-frequency carrier wave, leaving only the audible analog signal. #### C. Power Management Section - **Decoupling Capacitors:** Large electrolytic capacitors (e.g., 1000µF or higher) stabilize the DC input voltage and provide "reserve" energy for bass peaks. - **Reverse Polarity Protection:** Often includes a diode or MOSFET circuit to prevent damage if the power supply is connected backwards. #### D. Input & Control - **Op-Amps:** Small-signal operational amplifiers are often used at the input stage for pre-amplification and impedance matching. - **Potentiometer:** A variable resistor (often labeled 'R' in the series) for manual volume or gain adjustment. --- ### 3. Protection Features The electronic design incorporates several safety mechanisms to ensure the longevity of the part: 1. **Over-Temperature Protection:** Sensors on the IC reduce gain or shut down if the unit exceeds 150°C. 2. **Short-Circuit Protection:** Protects the output transistors if the speaker wires touch. 3. **Under-Voltage/Over-Voltage Lockout:** Ensures the module only operates within its safe 12V-24V range. --- ### 4. Typical Applications * **Active Subwoofers:** Due to its mono nature and high power. * **Self-Service Kiosks:** Used in vending machines or ATMs for audio feedback. * **DIY Audio Projects:** Popular for building portable Bluetooth speakers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum recommended power supply voltage for long-term stability?
    • ⤷ Can this module be bridged with another KAC-A55-R for higher output?
    • ⤷ What type of speakers (impedance) are best suited for this amplifier?