KAC-AA5-R
AI

The **KAC-AA5-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces to provide physical feedback to a user.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The KAC series (specifically the AA5-R variant) is designed for side-actuation. Unlike traditional top-push buttons, this switch is triggered from the side, making it ideal for the edges of PCBs (e.g., volume buttons on a smartphone or power buttons on a tablet).
### Key Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Orientation** | Right Angle / Side Actuated |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Contact Rating** | 50mA @ 12V DC (Typical) |
| **Operating Force** | 160gf to 220gf (depending on specific batch) |
| **Life Cycle** | ~100,000 to 200,000 cycles |
| **Travel** | 0.25mm ± 0.1mm |
---
## 2. Structural Design
The "AA5" designation often refers to the physical dimensions and the specific height/width profile of the switch body.
### Physical Features:
* **Actuator:** Usually made of high-temperature plastic (LCP or Nylon).
* **Base:** Heat-resistant resin to withstand reflow soldering temperatures.
* **Terminals:** Silver-plated or Gold-plated copper alloy for high conductivity and oxidation resistance.
* **Grounding:** Many "R" (Right angle) variants include a metal "boss" or grounding bracket to provide mechanical stability against the force of a finger press.
---
## 3. Circuit Configuration
Most tactile switches in this category follow a **SPST-NO** (Single Pole Single Throw - Normally Open) configuration.
```mermaid
graph LR
A[Terminal 1] ---|Gap| B[Terminal 2]
Note[Pressing the button closes the gap]
```
---
## 4. Application Use Cases
Because of its small footprint and right-angle orientation, the KAC-AA5-R is commonly found in:
1. **Handheld Devices:** Power and Volume rockers.
2. **Wearables:** Smartwatches and fitness trackers.
3. **Automotive:** Steering wheel controls or dashboard toggles.
4. **Peripheral Hardware:** Reset buttons on routers or modems.
---
## 5. Soldering and Manufacturing
As an SMT component, it is designed for **Reflow Soldering**.
* **Packaging:** Usually supplied in **Tape & Reel** (the "R" suffix often indicates Reel packaging) for automated pick-and-place machines.
* **Heat Resistance:** Designed to withstand peak temperatures of approximately **260°C** for 10 seconds.
- ⤷
What is the exact footprint dimension for the KAC-AA5-R PCB layout?
- ⤷ Are there waterproof (IP67) versions available in the KAC series?
- ⤷ How does the 'R' suffix specifically change the electrical pinout compared to the standard model?