KAC-AA5W-R
AI

The **KAC-AA5W-R** is a specific electronic component, typically categorized as a **Cement Power Resistor**. These resistors are designed to handle high power dissipation while maintaining structural integrity under heat.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Model Number** | KAC-AA5W-R |
| **Power Rating** | 5 Watts |
| **Resistance Tolerance** | Typically ±5% (J) |
| **Construction** | Wirewound or Metal Oxide in a Ceramic case |
| **Mounting Type** | Through-hole (Radial or Axial) |
| **Operating Temp** | -55°C to +155°C (standard range) |
---
### 2. Functional Components
The "KAC" series usually follows a specific architectural build:
1. **Resistive Element:** A high-grade alloy wire (usually Nickel-Chrome) wound around a non-alkaline ceramic core.
2. **Encapsulation:** The internal element is sealed inside a **rectangular ceramic (cement) case**. This provides excellent insulation and moisture resistance.
3. **Filling Material:** A specialized inorganic flame-proof cement is used to fill the gap between the element and the case, ensuring high thermal conductivity to dissipate heat.
4. **Terminals:** Lead wires are typically tin-plated copper for easy soldering.
---
### 3. Usage and Applications
These parts are "workhorse" components used in circuits where high power is converted to heat or where current needs to be limited significantly.
* **Power Supplies:** Used as "bleeder resistors" to discharge capacitors safely after power is turned off.
* **Motor Controllers:** Acts as a current-limiting component during startup.
* **Audio Equipment:** Frequently found in amplifier output stages or crossover networks.
* **Industrial Circuits:** Used in voltage dropping and load simulation.
---
### 4. Naming Convention Breakdown
| Prefix/Suffix | Meaning |
| :--- | :--- |
| **KAC** | Manufacturer Series Code (Often associated with Kingcore or similar brands). |
| **5W** | Power Handling Capacity (5 Watts). |
| **R** | Indicates Resistance value or RoHS Compliance (context dependent). |
---
- ⤷
What is the specific resistance value for the 'R' suffix in this part number?
- ⤷ What are the physical dimensions (footprint) of the KAC-AA5W series?
- ⤷ Can this resistor be used in high-frequency AC applications?