KAC-ABF-R/Q
AI

The **KAC-ABF-R/Q** is a specific electronic component, primarily recognized as a high-performance **image sensor** developed by manufacturers like OnSemi (formerly Kodak/Truesense). It belongs to a family of CMOS active-pixel sensors designed for high-end imaging applications.
---
### 1. Key Technical Specifications
The "R/Q" designation usually refers to the color filter pattern or specific revision of the sensor. Below are the general electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | CMOS Image Sensor (Active-Pixel) |
| **Resolution** | Typically 12 Megapixels (4096 x 3072) |
| **Pixel Size** | 4.7 $\mu$m x 4.7 $\mu$m |
| **Frame Rate** | Up to 160 fps at full resolution |
| **Shutter Type** | Global Shutter (Prevents motion distortion) |
| **Interface** | High-speed LVDS (Low-Voltage Differential Signaling) |
---
### 2. Core Electronic Architecture
The KAC-ABF-R/Q utilizes a sophisticated internal architecture to manage high data throughput and image quality:
#### A. Global Shutter Technology
Unlike "Rolling Shutters" that scan line-by-line, the global shutter in this part captures the entire frame simultaneously. This is electronically achieved by having a storage node at every pixel, allowing the sensor to "freeze" fast-moving objects without skewing.
#### B. Output Interface (LVDS)
Because the sensor generates massive amounts of data (12MP at 160fps), it uses multiple **LVDS lanes**.
- **Bandwidth:** It can support up to 64 LVDS output pairs.
- **Clocking:** It requires a precise external master clock (MCLK) to synchronize data transmission.
#### C. Power Requirements
The device typically requires multiple voltage rails to separate sensitive analog circuits from noisy digital logic:
* **Analog Supply:** 3.3V (for high dynamic range and low noise).
* **Digital Supply:** 1.8V (for logic processing).
* **I/O Supply:** 1.8V to 2.5V (for data transmission).
---
### 3. Pin Configuration and Integration
The component is usually housed in a **Ceramic LCC (Leadless Chip Carrier)** or a **PGA (Pin Grid Array)** package to handle heat dissipation and high-frequency signals.
* **SPI Interface:** Used for programming the internal registers (exposure time, gain, region of interest).
* **External Triggers:** Pins are available to synchronize the sensor with external lighting (strobes) or other cameras.
---
### 4. Common Applications
Due to its high speed and global shutter, the KAC-ABF-R/Q is found in:
1. **Industrial Inspection:** Machine vision for high-speed assembly lines.
2. **Intelligent Transportation:** Speed cameras and tolling systems.
3. **Scientific Research:** Capturing high-speed physical phenomena.
- ⤷
What are the specific differences between the 'R' and 'Q' variants of this sensor?
- ⤷ How do you interface the LVDS output of this sensor with an FPGA?
- ⤷ What is the typical power consumption of the KAC-ABF-R/Q during high-speed operation?