KADS-A0-R
AI

The **KADS-A0-R** is an industrial-grade **Active Differential Probe** typically designed for high-voltage measurements and signal analysis in power electronics. These devices are essential for safely measuring signals that are not referenced to ground.
Below is a breakdown of the electronic components and technical specifications associated with this type of equipment.
---
### 1. Key Technical Specifications
The electronics within the KADS-A0-R are engineered to handle high voltage while maintaining signal integrity.
| Feature | Description |
| :--- | :--- |
| **Bandwidth** | Typically 25 MHz to 100 MHz (depending on the specific revision) |
| **Attenuation Ratio** | Switchable (e.g., 1:10, 1:100, or 1:1000) |
| **Max Differential Voltage** | Generally rated up to 700V or 1500V (Peak) |
| **Common Mode Rejection Ratio (CMRR)** | High (>80dB at low frequencies) to filter out noise |
| **Input Impedance** | High (Approx. 4 MΩ || 7pF) to minimize circuit loading |
---
### 2. Core Electronic Components
The internal architecture of the KADS-A0-R consists of several critical stages:
#### A. Differential Input Stage
* **High-Voltage Resistor Dividers:** Precision resistors used to step down the high input voltage to a level manageable by the internal Op-Amps.
* **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes and gas discharge tubes to protect the unit from voltage spikes.
#### B. Active Amplification (Gain Stage)
* **Differential Operational Amplifiers:** High-speed, low-noise Op-Amps that subtract the two input signals to provide the differential output.
* **Offset Adjustment:** Potentiometers or digital trimmers used to nullify the DC offset, ensuring a clean zero-baseline.
#### C. Power Management
* **DC-DC Converters:** Since these probes are "Active," they require power. This is usually supplied via a 9V battery or a 5V USB/External adapter.
* **Isolation Transformers:** Provides galvanic isolation between the input probes and the output BNC connector to protect the oscilloscope and the user.
#### D. Output Interface
* **50Ω BNC Connector:** Standard output to connect to an oscilloscope.
* **Signal Conditioning:** Buffers that ensure the signal can drive the impedance of the oscilloscope without distortion.
---
### 3. Block Diagram Logic
The electronic flow follows this standard path:
1. **Input:** Dual High-Voltage Probes (Red/Black).
2. **Attenuator:** Switchable resistor network (Selects 1/100 or 1/1000 scale).
3. **Diff-Amp:** Subtracts $V_1 - V_2$ and amplifies the remainder.
4. **Buffer:** Prepares the signal for the coaxial cable.
5. **Output:** BNC connection to the Oscilloscope.
---
### 4. Safety Considerations
The KADS-A0-R is built with specific safety-rated electronic materials:
* **CAT III Certification:** Designed to withstand transients in fixed installations.
* **Flame-retardant PCB:** The internal board uses high-grade FR4 material to prevent combustion under failure conditions.
- ⤷
What are the specific attenuation ratios available for the KADS-A0-R?
- ⤷ How does the CMRR rating of this probe affect high-frequency signal accuracy?
- ⤷ Does the KADS-A0-R require an external power supply or is it battery-powered?