KADS-BZ-R
AI

The **KADS-BZ-R** is an electronic component primarily classified as a **Buzzer** (often an Electromagnetic or Piezoelectric indicator) used in industrial control panels and electronic circuitry for audible signaling.
---
### 1. Technical Specifications
The "BZ-R" designation usually refers to a **Red (R)** indicator version or a specific **Resonant (R)** frequency type. Below are the typical electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Operating Voltage** | 12V DC / 24V DC / 110V AC / 220V AC (Model dependent) |
| **Current Consumption** | $\le$ 20mA |
| **Sound Pressure Level** | 80dB to 95dB at 10cm |
| **Sound Type** | Continuous or Intermittent (Discontinuous) |
| **Color Indicator** | Red (LED integrated) |
| **Mounting Diameter** | 22mm (Standard industrial size) |
---
### 2. Core Electronic Components
The KADS-BZ-R functions through several internal electronic stages:
* **Oscillator Circuit:** Converts the incoming DC power into a specific frequency (usually between 2kHz and 4kHz) to drive the sound element.
* **Piezoelectric Diaphragm:** A ceramic disc that vibrates physically when an electric field is applied, creating sound waves.
* **LED Driver:** A simple current-limiting resistor and LED diode placed in parallel with the buzzer so the device provides a visual "Red" flash along with the audio signal.
* **Terminal Blocks:** Screw-type connectors (typically marked X1 and X2) designed for secure industrial wiring.
---
### 3. Application and Usage
Because of its 22mm mounting size and rugged build, it is commonly found in the following electronic systems:
1. **Fault Indicators:** Used in PLC (Programmable Logic Controller) outputs to alert operators of a system error.
2. **Process Completion:** Signals the end of a timed cycle in industrial ovens or machinery.
3. **Safety Alarms:** Provides immediate feedback when a physical barrier is breached or an emergency stop is pressed.
---
### 4. Circuit Diagram Representation
In an electrical schematic, the KADS-BZ-R is represented as follows:
```mermaid
graph LR
A[Power Source +] --> B[Switch/Relay]
B --> C((KADS-BZ-R))
C --> D[Power Source -]
```
- ⤷
What are the specific voltage variants available for the KADS-BZ-R series?
- ⤷ How do I wire this buzzer to a PLC output module?
- ⤷ What is the difference between the continuous and intermittent sound models of this buzzer?