AI

The **KADS-GZ-R** series typically refers to a specific line of **Electromagnetic Solenoid Water Valves** often used in industrial automation, water treatment, and home appliances. These components are electromechanical devices designed to control the flow of liquids.
Below is a detailed breakdown of its electronic and mechanical components.
---
### 1. Key Technical Specifications
Most KADS-GZ-R models share the following electronic characteristics:
| Component Feature | Description |
| :--- | :--- |
| **Voltage Options** | Usually DC 12V, DC 24V, or AC 110V/220V |
| **Operation Mode** | Normally Closed (NC) - Opens when powered |
| **Connection Type** | Male Thread (G1/2" or G3/4") |
| **Power Consumption** | Approx. 4.5W to 8W (depending on voltage) |
| **Pressure Range** | 0.02 Mpa to 0.8 Mpa |
---
### 2. Internal Electronic Parts
The device functions through the interaction of several critical electronic and magnetic parts:
#### A. The Electromagnetic Coil (Solenoid)
This is the heart of the device. It consists of a copper wire wound around a bobbin.
* **Function:** When current flows through the coil, it creates a magnetic field according to Ampere's Law.
* **Insulation:** Usually rated Class B or F to withstand heat generated during long-term operation.
#### B. The Plunger (Armature)
A movable cylinder made of ferromagnetic material (usually stainless steel).
* **Function:** It is pulled upward by the magnetic field of the coil, overcoming spring tension to open the valve orifice.
#### C. Terminals / Connector
* **Interface:** Usually features 6.3mm spade terminals or a lead wire exit.
* **Polarity:** For DC models, polarity is generally not critical unless a protection diode is integrated, but it is best practice to follow manufacturer markings.
---
### 3. Functional Mechanism
The KADS-GZ-R operates as a **Pilot-Operated** valve. This means it uses the electronic solenoid to control a small "pilot" hole, which then uses the water pressure itself to lift a rubber diaphragm.
1. **Power OFF:** The spring pushes the plunger down, blocking the pilot hole. Water pressure stays high above the diaphragm, keeping the valve closed.
2. **Power ON:** The coil energizes, lifting the plunger. The pilot hole opens, relieving pressure above the diaphragm. The pressure from below pushes the diaphragm up, allowing full flow.
---
### 4. Typical Applications
* **Water Purifiers:** Controlling the inlet feed.
* **Smart Agriculture:** Automated drip irrigation systems.
* **Vending Machines:** Precise liquid dispensing.
* **Washing Machines:** Managing water intake cycles.
---
### 5. Safety & Maintenance Notes
* **Heat:** Solenoids get hot during continuous operation. Ensure the duty cycle (on-time vs. off-time) matches your application.
* **Filtration:** Because the pilot holes are very small, these valves require clean water. Debris can cause the valve to "stick" open or closed.
* **Voltage Tolerance:** Usually +/- 10% of the rated voltage.
- ⤷
What are the main differences between the DC 12V and AC 220V versions of this valve?
- ⤷ How do I troubleshoot a KADS-GZ-R valve that hums but does not open?
- ⤷ Can this valve be used for gravity-fed systems with zero pressure?