AI

The **KAS-15E-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch**. These switches are widely used in consumer electronics, automotive controls, and industrial interfaces due to their small footprint and reliable mechanical feedback.
---
### 1. Key Technical Specifications
Below are the typical technical parameters for the KAS-15E-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Push Button) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Force** | Usually 160gf to 250gf (grams-force) |
| **Contact Rating** | 50mA, 12V DC |
| **Circuit Configuration** | SPST (Single Pole Single Throw) - Normally Open |
| **Operating Life** | 100,000 to 500,000 cycles (model dependent) |
| **Terminal Type** | Gull-wing or J-bend leads |
---
### 2. Internal Electronic Structure
The KAS-15E-R operates on a simple mechanical-to-electrical principle:
* **The Metal Dome:** Inside the housing sits a stainless steel or phosphor bronze dome. This acts as both the spring mechanism and the electrical conductor.
* **The Contacts:** There are two stationary contacts on the base. When the button is pressed, the dome collapses (creating the "click" feel) and bridges the gap between the contacts.
* **Insulation:** The housing is typically made of high-temperature thermoplastic (like LCP or Nylon) to withstand the heat of reflow soldering.
---
### 3. Common Applications
Because of its small size and SMD design, the KAS-15E-R is frequently found in:
1. **Consumer Electronics:** Power buttons on smartphones, volume rockers, or Bluetooth headsets.
2. **Peripherals:** Reset buttons on routers or mouse clickers.
3. **Automotive:** Dashboard controls or keyless entry fobs.
4. **Medical:** Portable diagnostic devices.
---
### 4. Implementation Example (Basic Logic)
In a digital circuit, this switch is typically used with a pull-up resistor to provide a clean signal to a Microcontroller (MCU).
```cpp
// Example: Reading a Tactile Switch state (Arduino/C++)
const int switchPin = 2; // Connected to KAS-15E-R
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Use internal resistor
}
void loop() {
int state = digitalRead(switchPin);
if (state == LOW) {
// Switch is pressed (circuit closed to ground)
}
}
```
---
- ⤷What is the physical footprint size of the KAS-15E-R?
- ⤷ How does the 'R' suffix affect the packaging (Tape and Reel)?
- ⤷ What are the recommended reflow soldering temperatures for this part?