Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KAS-1A-R/Q

  • AI
    The **KAS-1A-R/Q** is a specific series of **Mercury Wetted Reed Relays** (often associated with manufacturers like OKI or Koyo/Kikusui). These components are designed for high-reliability switching applications where contact bounce must be eliminated and low contact resistance is critical. --- ### 1. Component Specifications The "1A" typically denotes a **1 Form A** (Single Pole Single Throw - Normally Open) contact configuration. | Feature | Description | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) | | **Switching Type** | Mercury Wetted (Position sensitive) | | **Contact Material** | Mercury-to-Mercury or Mercury-to-Gold | | **Response Time** | Very fast (typically < 2ms) | | **Contact Resistance** | Extremely low and stable (mΩ range) | | **Life Expectancy** | High (Billions of operations due to liquid contact) | --- ### 2. Key Electronic Characteristics #### A. Mercury Wetted Contacts Unlike standard dry reed relays, these parts use mercury to bridge the gap between contacts. * **Zero Bounce:** Because the contact is made through a liquid metal film, there is no mechanical "chatter" or bounce. This is vital for digital circuits where a single pulse is required. * **Self-Healing:** The mercury film refreshes with every operation, preventing the pitting and erosion common in dry contacts. #### B. The "R/Q" Suffix * **R (Reed):** Refers to the internal reed switch element. * **Q (Quality/Quiet):** Often indicates a specific screening process or a low-noise version intended for sensitive measurement equipment. #### C. Mounting Orientation **Important Note:** Because these contain liquid mercury, they are **position-sensitive**. They must usually be mounted vertically (indicated by an arrow or "Top" marking on the casing) to prevent the mercury from shorting the contacts accidentally. --- ### 3. Application Use Cases The KAS-1A series is commonly found in legacy and high-precision electronic environments: 1. **Test & Measurement:** Used in automated test equipment (ATE) where signal integrity is paramount. 2. **Telecommunications:** For switching lines without introducing noise. 3. **Low-Level Signal Switching:** Because of the extremely low contact resistance, they can switch very small voltages without signal loss. --- ### 4. Safety and Environmental Note | Warning | Detail | | :--- | :--- | | **Hazardous Material** | These parts contain **Mercury (Hg)**. | | **Disposal** | They must be disposed of as hazardous electronic waste according to local regulations (RoHS non-compliant in most modern contexts). |
    ✨ Follow-up Questions
    • ⤷ What are the modern RoHS-compliant alternatives to mercury wetted relays?
    • ⤷ How do I identify the correct mounting orientation for the KAS-1A series?
    • ⤷ What is the typical coil voltage required for the KAS-1A-R/Q?