KAS-A1B-R
AI

The **KAS-A1B-R** is a specific electronic component, typically categorized as a **DIP (Dual In-line Package) Switch**. These switches are used on printed circuit boards (PCBs) to customize the behavior of an electronic device without needing specialized tools.
---
## 1. Technical Specifications
Below are the general technical parameters for the KAS series (specifically the A1B-R variant):
| Parameter | Specification |
|:---|:---|
| **Switch Type** | DIP / Slide Switch |
| **Number of Positions** | 1 Position (Single Pole Single Throw - SPST) |
| **Actuator Style** | Raised Actuator (Slide) |
| **Contact Rating** | 25mA @ 24VDC (Switching) / 100mA @ 50VDC (Non-switching) |
| **Mounting Type** | Through-Hole |
| **Pitch** | 2.54 mm (0.1 inch) |
| **Contact Plating** | Gold over Nickel (Ensures high reliability) |
---
## 2. Key Features
The "A1B-R" suffix often denotes specific physical and packaging characteristics:
* **Raised Actuator:** The "A" style usually refers to an extended slider that is easy to move with a fingernail or small tool, as opposed to "recessed" versions.
* **Top Tape Seal:** Many models in this series feature a removable top tape, allowing the part to survive **wave soldering** and aqueous cleaning processes without contaminants entering the housing.
* **Gold Contacts:** The use of gold plating prevents oxidation, making it ideal for low-voltage logic circuits where signal integrity is critical.
* **RoHS Compliant:** The "-R" suffix commonly indicates compliance with environmental regulations regarding lead-free construction.
---
## 3. Common Applications
Since this is a 1-position switch, it acts as a simple "On/Off" toggle for hardware configuration:
1. **Address Setting:** Used in industrial BUS systems to set a unique ID for a peripheral.
2. **Mode Selection:** Toggling between different operating modes (e.g., Test Mode vs. Normal Mode).
3. **Hardware Enable/Disable:** Manually enabling or disabling a specific feature like a Write-Protect on an EEPROM.
4. **Option Strapping:** Replacing "jumpers" to make the PCB cleaner and easier to configure by the end-user.
---
## 4. Termination and Footprint
The KAS-A1B-R uses standard **Through-Hole Technology (THT)**.
```text
Pin Layout (Top View):
_______
| [ ] | <-- Slide Actuator
| 1 |
|_______|
| | <-- 2.54mm Lead Spacing
```
- ⤷
What are the mechanical life cycle ratings for the KAS-A1B-R?
- ⤷ Is there a surface-mount (SMD) equivalent for this DIP switch?
- ⤷ How does the 'recessed' actuator version differ in part numbering?