KCEZ-A5-R
AI

The **KCEZ-A5-R** is a specific electronic hardware component, typically identified as a **Card Edge Connector** (often associated with manufacturers like KEL Corporation). These connectors are designed to interface printed circuit boards (PCBs) by allowing a daughter card to be inserted into a slot on a mother board.
---
### 1. General Specifications
The KCEZ series is known for high-density interconnectivity. Below are the typical electronic and mechanical characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | Card Edge / Slot Connector |
| **Pitch** | 1.27mm (0.050") |
| **Number of Pins** | 100 Pins (Standard for A5-R variant) |
| **Mounting Type** | Through-hole (Right Angle or Vertical) |
| **Contact Plating** | Gold over Nickel |
| **Current Rating** | 1.0A per contact |
| **Voltage Rating** | 250V AC/DC |
---
### 2. Key Electronic Components & Materials
The performance of the KCEZ-A5-R relies on several critical material properties:
* **Contacts (Phosphor Bronze):** Provides excellent electrical conductivity while maintaining the mechanical "spring" needed to hold the inserted card firmly.
* **Insulator (LCP or PBT):** High-temperature plastic that ensures no electrical leakage between pins (high dielectric strength).
* **Polarization Key:** A physical notch used to ensure the external board is inserted in the correct orientation, preventing short circuits.
---
### 3. Connection Pinout Logic
While the specific pinout depends on the PCB it is soldered to, the internal architecture follows this logic:
```c
// Conceptual Pin Mapping
Row_A[1...50] -> Signal / Ground / Power
Row_B[1...50] -> Signal / Ground / Power
```
---
### 4. Common Applications
* **Industrial Automation:** Connecting PLC expansion modules.
* **Legacy Computing:** Interfacing proprietary expansion cards or memory modules.
* **Telecommunications:** Used in rack-mounted switching equipment for modular upgrades.
---
- ⤷
What is the exact pin count for the A5-R variant versus other KCEZ models?
- ⤷ Is the KCEZ-A5-R compatible with modern PCI or PCIe standards?
- ⤷ What are the soldering temperature requirements for the LCP insulator used in this part?