KCEZ-BB-R
AI

The **KCEZ-BB-R** is an industrial-grade, panel-mount interface connector, typically categorized under the "E-Z Connect" series. It is primarily used as a **bulkhead data port** to allow external access to internal electronic systems (like PLCs or IPCs) without opening the cabinet door.
Below is a breakdown of its electronic components, specifications, and design.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | USB 2.0 (Type A to Type A) |
| **Mounting Style** | Front Panel / Bulkhead Mount |
| **Construction** | Shielded Housing |
| **Shell Material** | Zinc Die-cast or High-grade Thermoplastic |
| **IP Rating** | Typically IP65/IP67 (when capped/closed) |
| **Current Rating** | 1.5 Amps |
---
### 2. Component Analysis
#### A. Internal Wiring (The Pass-Through)
Unlike active electronic components (like microchips), the KCEZ-BB-R is a **passive component**. It functions as a bridge.
* **Coupler Design:** It features a female-to-female USB coupling.
* **Signal Integrity:** The internal PCB or lead-frame is designed to maintain impedance matching for USB 2.0 speeds (480 Mbps), minimizing data loss over the jump.
#### B. Shielding and Grounding
To operate in industrial environments (near high-voltage motors or VFDs), the part includes:
* **EMC Shielding:** A metal shell that connects the cable shield through the bulkhead to the panel ground.
* **Drain Wire Support:** Prevents electrostatic discharge (ESD) from damaging sensitive internal electronics.
#### C. Environmental Protection
The "BB" in the part number often refers to the **Bulkhead-to-Bulkhead** or **Back-to-Back** configuration.
* **Gaskets:** Includes an O-ring or flat gasket to prevent dust and moisture from entering the enclosure.
* **Protective Cap:** Usually comes with a tethered rubber or plastic cap to seal the port when not in use.
---
### 3. Application Use Case
In a standard industrial control panel, the KCEZ-BB-R acts as the interface between the **Outside World** and the **Internal Controller**.
```mermaid
graph LR
A[External Laptop] -- USB Cable --> B(KCEZ-BB-R Port)
B -- Internal Patch Cable --> C[PLC / Industrial PC]
```
---
### 4. Summary of Benefits
1. **Safety:** Technicians can perform diagnostics or software updates without exposure to Arc Flash hazards inside the cabinet.
2. **Durability:** Gold-plated contacts ensure high mating cycles (usually 500+) in corrosive environments.
3. **Standardization:** Fits standard 22.5mm or 30.5mm pushbutton holes, making installation easy on existing panels.
- ⤷
What is the maximum data transfer speed supported by the KCEZ-BB-R?
- ⤷ Does this model support Power Delivery (PD) for fast charging?
- ⤷ What are the specific environmental ratings (IP) for this part?