KD-3SLN-R
AI

The **KD-3SLN-R** is a specific model of a **magnetic proximity sensor** (often referred to as a reed switch or cylinder sensor), typically used in industrial automation to detect the position of pneumatic cylinders.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Technical Specifications
This sensor is designed to interface with PLC (Programmable Logic Controller) systems and relay logic.
| Parameter | Specification |
|:---|:---|
| **Switching Logic** | Solid State (NPN Output) |
| **Operating Voltage** | 10 ~ 28V DC |
| **Switching Current** | 50mA Max. |
| **Voltage Drop** | 0.5V @ 50mA |
| **Indicator Lamp** | Red LED (Lights up when triggered) |
| **Response Frequency** | 1000 Hz |
| **Protection Class** | IP67 (Water/Dust resistant) |
---
## 2. Internal Electronic Construction
The KD-3SLN-R is a **solid-state** sensor, meaning it does not have moving mechanical parts (unlike traditional reed switches). This increases its lifespan and reliability.
### Key Components:
1. **Hall Effect Element:** The primary sensing component. It detects the presence of a magnetic field (usually a magnet integrated into the piston of a cylinder).
2. **NPN Transistor:** Acts as the switching element. When the magnetic field is detected, the transistor completes the circuit to the negative (ground) rail.
3. **LED Circuit:** A small Red Light Emitting Diode wired in parallel with the output to provide visual confirmation of the switch state.
4. **Reverse Polarity Protection:** Internal diodes that prevent the sensor from burning out if the positive and negative wires are accidentally swapped.
---
## 3. Wiring Diagram (3-Wire System)
The "N" in the model name usually signifies **NPN** logic. It utilizes a standard 3-wire color code:
| Wire Color | Function | Connection |
|:---|:---|:---|
| **Brown** | V+ | Connect to +12V or +24V DC |
| **Blue** | 0V / GND | Connect to Power Supply Common |
| **Black** | Output (Signal) | Connect to PLC Input (Sinking) |
---
## 4. Application and Mounting
* **Mounting:** The "SL" designation often refers to the sensor's physical shape, designed to fit into a **T-Slot** or **C-Slot** groove on the side of an aluminum pneumatic cylinder.
* **Sensitivity:** The sensor is tuned to a specific Gauss rating to ensure it only triggers when the cylinder piston is exactly aligned with the sensor body.
- ⤷
How do I test a KD-3SLN-R with a multimeter?
- ⤷ What is the difference between NPN and PNP versions of this sensor?
- ⤷ Can this sensor be used with AC voltage?