Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KD1084ADT-R

  • AI
    The **KD1084ADT-R** is a low-dropout (LDO) positive voltage regulator designed to provide a high current output with high efficiency. It is part of the 1084 series, which is a popular choice for power management in embedded systems. --- ### 1. Key Technical Specifications Below is a summary of the electrical characteristics typically found in the KD1084ADT-R datasheet: | Parameter | Value / Description | | :--- | :--- | | **Output Type** | Adjustable | | **Output Current** | Up to 5.0 A | | **Dropout Voltage** | Typ. 1.3 V at 5A | | **Input Voltage (Max)** | 12 V | | **Reference Voltage** | 1.25 V | | **Package Type** | DPAK (TO-252) | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Core Functional Features * **High Current Capability:** Unlike standard regulators (like the LM7805 which handles 1A), the KD1084 series can deliver up to **5 Amps**, making it suitable for high-power logic circuits and motors. * **Low Dropout (LDO):** It requires a relatively small difference between the input and output voltage to maintain regulation. * **Internal Protection:** * **Current Limiting:** Protects the device during short circuits or overloads. * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safe limits. * **Adjustability:** By using an external resistor divider, the output voltage can be set to any value starting from 1.25V up to the maximum input limit (minus dropout). --- ### 3. Basic Application Circuit To set the output voltage ($V_{out}$), a resistive divider is connected between the Output, Adjust, and Ground pins. ```cpp // Voltage Formula // Vout = Vref * (1 + R2/R1) + (Iadj * R2) [Input Voltage] ----+---- [ KD1084 ] ----+---- [Output Voltage] | (ADJ) | [C_in] | [C_out] | +--[R1]-----+ | | | [R2] | | [GND] --------------+--------+----------------- [GND] ``` --- ### 4. Typical Use Cases 1. **High-Efficiency Linear Regulators:** Used when switching regulators (SMPS) produce too much EMI/noise. 2. **Post-Regulators:** Used after a switching power supply to provide a clean, ripple-free voltage for sensitive analog components. 3. **Battery Chargers:** Due to its high current handling and internal limiting. 4. **Microprocessor Power:** Providing stable rails for high-performance CPUs or FPGAs. --- ### 5. Thermal Considerations Because the KD1084ADT-R comes in a **DPAK** package, heat dissipation is critical. When drawing 5A, the power dissipated ($P = (V_{in} - V_{out}) \times I_{out}$) can be significant. It is usually necessary to solder the tab to a large copper plane on the PCB to act as a heat sink.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor values for a 3.3V output?
    • ⤷ What are the recommended capacitor types for stable operation of the KD1084?
    • ⤷ What is the difference between the KD1084 and the LM1084?