KD3003-RQFW00A
AI

The **KD3003-RQFW00A** is a high-performance **Thin Film Thermal Printhead** manufactured by ROHM Semiconductor. These components are primarily used in industrial and commercial thermal printers for labels, barcodes, and receipts.
---
### 1. Key Technical Specifications
The following table highlights the core electronic and physical characteristics of the KD3003-RQFW00A:
| Feature | Specification |
| :--- | :--- |
| **Print Width** | 80 mm (approx. 3 inches) |
| **Resolution** | 300 DPI (Dots Per Inch) |
| **Total Number of Dots** | 960 dots |
| **Resistance Value** | ~1100 $\Omega$ (Standard) |
| **Supply Voltage (VH)** | 24V (Typical) |
| **Logic Voltage (VDD)** | 3.3V to 5.0V |
| **Max Printing Speed** | Up to 250 mm/s (depending on conditions) |
---
### 2. Electronic Components and Architecture
The printhead is not just a heating element; it is an integrated electronic assembly consisting of several layers:
#### A. Heating Elements (Resistors)
* **Material:** High-durability thin-film resistors.
* **Function:** These convert electrical energy into heat. Because this is a 300 DPI head, there are 300 microscopic resistors per inch.
#### B. Driver ICs (Integrated Circuits)
* The board contains surface-mounted driver ICs that manage the switching of the heating elements.
* **Shift Registers:** These ICs receive serial data and convert it to parallel signals to trigger specific dots.
* **Latching Circuitry:** Holds the data for the duration of the "burn" or "strobe" pulse to ensure consistent print density.
#### C. Thermistor
* An internal **NTC (Negative Temperature Coefficient) Thermistor** is embedded to monitor the temperature of the substrate.
* **Purpose:** It prevents the printhead from overheating (Thermal Protection) and allows the printer controller to adjust pulse widths based on the ambient heat.
#### D. Connectivity
* **FPC/FFC Connector:** Flexible Flat Cable interface used to transfer data (Clock, Data In, Latch, Strobe) and power (VH and VDD).
---
### 3. Operational Mechanism
1. **Data Input:** The printer controller sends image data serially to the Shift Registers.
2. **Latching:** Once a full line of 960 dots is loaded, a "Latch" signal freezes the data.
3. **Strobing:** A "Strobe" signal is applied. The driver ICs allow current to flow through the selected resistors for a few milliseconds.
4. **Heat Transfer:** The resistors heat up, reacting with the thermal paper or the ribbon to create the image.
---
### 4. Maintenance and Handling Precautions
* **ESD Sensitivity:** Like most IC-driven parts, it is highly sensitive to Electrostatic Discharge.
* **Cleaning:** The thin-film surface should only be cleaned with Isopropyl Alcohol (IPA) to prevent buildup of carbonized paper dust.
* **Voltage Regulation:** Ensure the 24V supply is stable; voltage spikes can permanently burn out individual dot resistors.
- ⤷
What are the common causes of 'white lines' in KD3003-RQFW00A printing?
- ⤷ How does the thermistor resistance curve affect the print quality?
- ⤷ What is the pinout configuration for the FFC connector on this model?