KDY-G-R
AI

The **KDY-G-R** generally refers to a specific series of **Rotary Potentiometers** or **Rotary Switch** assemblies, often used in consumer electronics, automotive controls, or industrial interfaces for volume adjustment, tuning, or menu navigation.
Below is an overview of the technical specifications and electronic components typically found in these parts.
---
### 1. Core Technical Specifications
These parts are designed to translate mechanical rotation into an electrical signal (either analog resistance or digital pulses).
| Feature | Typical Specification |
| :--- | :--- |
| **Type** | Carbon Film Rotary Potentiometer / Encoder |
| **Resistance Range** | 1KΩ to 1MΩ (Commonly 10KΩ or 50KΩ) |
| **Tolerance** | ±10% or ±20% |
| **Power Rating** | 0.05W to 0.1W |
| **Operating Voltage** | 12V - 50V AC / DC Max |
| **Rotation Angle** | 300° ± 5° (or 360° continuous for encoders) |
| **Switch Type** | Optional "Push-on" or "Rotary Click" |
---
### 2. Physical Electronic Components
The "KDY-G-R" assembly is composed of several critical layers:
* **Resistive Element:** A horseshoe-shaped track made of carbon or cermet. The wiper moves along this track to change the resistance.
* **Wiper (Contact Arm):** A metal brush that slides across the resistive element to pick up the voltage or change the resistance value.
* **Shaft:** Usually made of plastic or zinc alloy. The "R" in the suffix often denotes a **Ribbed** or **Round** shaft type for knob attachment.
* **Terminals:** Usually 3 pins for the potentiometer (Input, Output, Ground) and additional pins if a push-button switch is integrated.
* **Housing:** Metal or plastic casing that provides EMI shielding and mechanical stability.
---
### 3. Pinout and Circuit Integration
In a standard KDY configuration, the pins are usually mapped as follows:
1. **Pin 1 (Left):** Ground / Common.
2. **Pin 2 (Middle):** Wiper (Output signal).
3. **Pin 3 (Right):** Input Voltage (Vcc).
4. **Extra Pins (if applicable):** Connected to a momentary SPST switch (for "press" functions).
---
### 4. Common Applications
Due to its compact size and reliability, this part is found in:
* **Audio Equipment:** Volume and gain controls for amplifiers or mixers.
* **Automotive:** Dashboard dimmers and air conditioning temperature selectors.
* **Home Appliances:** Microwave timers and oven temperature dials.
* **Testing Equipment:** Multimeters and signal generators for fine-tuning values.
---
- ⤷
How do I determine the specific resistance value of a KDY-G-R part?
- ⤷ What is the difference between the 'G' and 'R' designations in this model number?
- ⤷ Can a KDY-G-R be replaced with a standard 16mm potentiometer?