Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KEP-2D-R/Q

  • AI
    The **KEP-2D-R/Q** is a specific series of industrial joystick controllers, often utilized in heavy machinery, CCTV systems, and medical equipment. These devices function as precision human-machine interfaces (HMI). --- ## 1. Core Electronic Components The electronic architecture of the KEP-2D-R/Q is centered around analog signal conversion. | Component | Function | Description | | :--- | :--- | :--- | | **Potentiometers** | Signal Generation | High-precision variable resistors that translate physical movement into voltage changes. | | **Spring Return Mechanism** | Mechanical Reset | Ensures the stick returns to the center (null) position when released. | | **Terminal Block** | Connectivity | Screw or solder terminals used to interface the joystick with a PLC or controller. | | **Dust Cover (Bellows)** | Protection | Rubber or silicone seal protecting internal electronics from debris and moisture. | --- ## 2. Technical Specifications The "R/Q" designation usually refers to specific resistance values or mounting styles. Below are the typical electronic characteristics: ### Electrical Characteristics * **Standard Resistance:** 5kΩ or 10kΩ (model dependent). * **Resistance Tolerance:** ±15%. * **Independent Linearity:** ±3%. * **Power Rating:** 0.2W. * **Electrical Angle:** Approx. 30° to 60° (total travel). ### Mechanical Characteristics * **Operating Torque:** 2mN·m to 15mN·m. * **Life Expectancy:** Typically 500,000 to 1,000,000 cycles. * **Axis Movement:** 2-Axis (X and Y coordinates). --- ## 3. Wiring Logic The electronic output is typically a ratiometric voltage. As the joystick moves, the wiper of the internal potentiometer moves across the resistive element. ```yaml Pin Configuration (Typical): - Pin 1: VCC (Input Voltage, e.g., 5V or 10V) - Pin 2: Output (Variable Voltage - X Axis) - Pin 3: Ground (GND) - Pin 4: Output (Variable Voltage - Y Axis) ``` --- ## 4. Operational Environment Because these parts are electronic, they are rated for specific conditions: * **Operating Temperature:** -20°C to +65°C. * **Vibration Resistance:** 10Hz to 55Hz. * **Insulation Resistance:** >100MΩ at 500VDC. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q suffixes in this model?
    • ⤷ How do I calibrate the center voltage for the KEP-2D series?
    • ⤷ Can this joystick be used with an Arduino or PLC?