Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KEPFU-131MB-R

  • AI
    The **KEPFU-131MB-R** is a specific electronic component typically categorized as a **surface-mount (SMD) power inductor** or a specialized high-current magnetic component. These parts are designed for power management circuits where high efficiency and low electromagnetic interference (EMI) are required. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance** | Usually indicated by the "131" code (approx. 0.13µH or part of a series range) | | **Core Material** | Composite Metal Powder or Ferrite | | **Shielding** | Magnetically Shielded (Low EMI) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Physical Construction The "KEPFU" series often features a **molded construction** which provides several benefits: * **Integrated Design:** The coil is embedded within a magnetic metal powder, creating a solid block. * **High Current Handling:** Designed to handle high saturation currents without a sharp drop in inductance. * **Acoustic Noise Reduction:** The solid molded structure minimizes "buzzing" sounds caused by magnetostriction. --- ### 3. Application Areas These parts are commonly found in DC-to-DC converter circuits. Specific applications include: * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs in laptops or servers. * **Telecommunications:** High-efficiency power supplies for base stations. * **Consumer Electronics:** Power management in high-end tablets and gaming consoles. * **Automotive:** (If grade-certified) Infotainment and driver assistance systems. --- ### 4. Decoding the Part Number (General Logic) | Prefix/Suffix | Meaning | | :--- | :--- | | **KEPFU** | Manufacturer series designation (often associated with high-current power inductors). | | **131** | Dimensional or Inductance code (Reference to case size or specific electrical value). | | **MB** | Tolerance and Material characteristic code. | | **-R** | Lead-free / RoHS Compliant / Tape and Reel packaging. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the KEPFU-131MB-R?
    • ⤷ How does a shielded inductor compare to an unshielded one in terms of EMI?
    • ⤷ What are the recommended soldering profile guidelines for this SMD component?