KEPFU-141M2-R
AI

The **KEPFU-141M2-R** is a specialized electronic component commonly used in industrial automation and sensing technology. It is primarily categorized as an **Inductive Proximity Sensor** or a related interface module depending on the specific manufacturing line (often associated with brands providing parts for semiconductor or automated assembly equipment).
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, the following specifications typically apply:
| Feature | Specification |
| :--- | :--- |
| **Type** | Inductive Proximity / Interface Module |
| **Sensing Distance** | Typically 1mm to 4mm (model dependent) |
| **Output Type** | PNP or NPN (Open Collector) |
| **Operating Voltage** | 10V - 30V DC |
| **Response Frequency** | High-speed switching (up to 1kHz) |
| **Housing Material** | Stainless Steel or Nickel-plated Brass |
| **Connection Type** | M12 Connector or Integrated Cable |
---
### 2. Electronic Architecture
The internal circuitry of the KEPFU-141M2-R consists of several critical stages:
1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that radiates from the sensing face.
2. **Schmitt Trigger:** Converts the analog change in the electromagnetic field (caused by the presence of metal) into a digital "On/Off" signal.
3. **Amplifier Stage:** Boosts the signal to ensure it can drive industrial loads or PLC inputs.
4. **Protection Circuitry:** Usually includes **Reverse Polarity Protection** and **Short-Circuit Protection** to prevent damage during installation errors.
---
### 3. Application Areas
This component is designed for high-precision environments where non-contact detection is required:
* **Position Sensing:** Detecting the home position of robotic arms or CNC axes.
* **Object Counting:** High-speed detection of metal parts on a conveyor belt.
* **Safety Interlocks:** Ensuring a machine guard is closed before operation.
* **Semiconductor Equipment:** Used in "Wafer Mapping" or lead-frame positioning due to its high repeatability.
---
### 4. Wiring Diagram (Generic Representation)
Most units in this series follow standard industrial wire coloring:
```yaml
Brown: +VDC (Positive Supply)
Blue: 0V (Ground)
Black: Signal Output (Load)
```
- ⤷
What is the exact sensing distance for the 141M2-R variant?
- ⤷ Is this sensor compatible with NPN or PNP logic controllers?
- ⤷ Does this model feature a flush or non-flush mounting design?