KEWT-331-R/X
AI

The **KEWT-331-R/X** is a sophisticated high-voltage electronic component, specifically a **Fixed Resistor**, typically used in specialized industrial and high-precision applications. It is designed to handle significant voltage stress while maintaining stability.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The "R/X" suffix often denotes specific tolerance or temperature coefficient variations within the series.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-Voltage Fixed Resistor |
| **Resistance Range** | Typically available from $100\Omega$ up to $1G\Omega$ (depending on sub-model) |
| **Power Rating** | High-wattage capability (often $>2W$ depending on size) |
| **Voltage Rating** | Designed for kV (Kilovolt) ranges |
| **Termination** | Axial Lead or Radial (depending on the X/R variant) |
| **Coating** | High-insulation epoxy or silicone coating |
---
### 2. Key Electronic Characteristics
#### A. Voltage Coefficient of Resistance (VCR)
This part is engineered for a low VCR. In standard resistors, resistance changes as the applied voltage increases; the KEWT-331 series minimizes this "drift" to ensure accuracy in high-voltage sensing circuits.
#### B. Thermal Stability
The "R/X" variants usually feature a low **Temperature Coefficient (TCR)**, often measured in $ppm/^\circ C$. This ensures that the component does not significantly change its resistance value as it heats up during operation.
#### C. Surge Protection
The internal composition (often Metal Oxide or Thick Film on Ceramic) allows the part to withstand sudden voltage spikes without catastrophic dielectric breakdown.
---
### 3. Common Applications
Due to its high-voltage nature, this part is found in the following electronic assemblies:
* **X-Ray Power Supplies:** For voltage division and monitoring.
* **Precision Multimeters:** Used in the high-voltage input attenuation stage.
* **Air Purifiers/Ionizers:** Managing high-voltage discharge currents.
* **Electrostatic Painting Equipment:** Ensuring stable current flow at high potentials.
---
### 4. Circuit Symbol and Implementation
In a schematic, this part is represented by the standard resistor symbol, but it is often accompanied by a "High Voltage" warning or a specific creepage distance requirement on the PCB layout.
```text
(HV Input)
|
+-----+-----+
| |
[ ] [ ]
[ ] KEWT [ ] Load
[ ] 331-R/X [ ]
| |
+-----+-----+
|
(GND)
```
- ⤷
What is the maximum operating voltage for the KEWT-331-R/X series?
- ⤷ How does the 'R' suffix differ from the 'X' suffix in terms of tolerance?
- ⤷ What are the recommended PCB creepage distances for this component?