KFS-0A-R/Q
AI

The **KFS-0A-R/Q** typically refers to a specialized high-voltage fuse or high-voltage circuit protector component, often found in microwave ovens or industrial power supplies. In many contexts, this part number is associated with **H.V. (High Voltage) fuses** utilized by manufacturers like Galanz or Midea.
---
### 1. General Specifications
The components under this series are designed to protect high-voltage circuits from overcurrent conditions.
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | High-Voltage Glass/Ceramic Fuse |
| **Voltage Rating** | 5kV (5000V) |
| **Current Rating** | Typically 0.6A to 0.9A (common for microwave use) |
| **Dimensions** | 6mm x 40mm (Standard) |
| **Material** | Glass or Ceramic body with metal end caps |
---
### 2. Key Electronic Features
* **Arc Suppression:** Because it operates at very high voltages (5000V), the fuse is designed to prevent "arcing" when the internal wire melts. It often contains a spring mechanism to pull the broken ends apart quickly.
* **Time-Lag (Slow-Blow):** These are usually "slow-blow" fuses. They can handle a temporary surge of current (like when a microwave transformer first turns on) without blowing immediately.
* **Encapsulation:** In most microwave applications, the **KFS-0A-R/Q** is housed inside a plastic safety casing (fuse holder) to prevent high-voltage leakage to the appliance chassis.
---
### 3. Role in the Circuit
In a standard microwave oven high-voltage circuit, the fuse is placed between the **High Voltage Transformer** and the **High Voltage Capacitor/Magnetron**.
1. **Overload Protection:** If the Magnetron shorts out, the fuse blows to prevent the transformer from catching fire.
2. **Safety Interlock:** It acts as the final line of defense for the high-energy side of the appliance.
---
### 4. Identification and Safety
When replacing this part, the suffixes (R/Q) often refer to specific packaging or terminal styles (e.g., whether it comes with wire leads or just the fuse capsule).
> **⚠️ WARNING:** High-voltage capacitors can hold a lethal charge even after the appliance is unplugged. Always discharge the capacitor before touching or replacing a KFS-0A-R/Q fuse.
- ⤷
How do I test if a KFS-0A-R/Q fuse is blown using a multimeter?
- ⤷ What is the difference between the R and Q suffixes for this component?
- ⤷ Can I replace a 0.65A fuse with a 0.8A fuse in a microwave circuit?