KGS124-R/K
AI

The **KGS124-R/K** refers to a specific series of **Rotary DIP Switches** manufactured by companies like **ECE** (Excel Cell Electronic). These components are used to set binary or hexadecimal values manually on a printed circuit board (PCB).
---
### 1. Technical Specifications
The "124" in the part number typically denotes the number of positions and the coding type.
| Feature | Specification |
| :--- | :--- |
| **Type** | Rotary DIP Switch |
| **Number of Positions** | 10 (Decimal) or 16 (Hexadecimal) |
| **Code Type** | BCD (Binary Coded Decimal) or Real/Complementary Hex |
| **Mounting Type** | Through-hole (THT) |
| **Contact Rating** | 100mA, 5V DC (Switching); 100mA, 50V DC (Non-switching) |
| **Actuator Style** | Flat or Arrow-shaped (requires screwdriver) |
---
### 2. Key Electronic Components & Materials
* **Gold-Plated Contacts:** The internal wiping contacts are usually gold-plated to prevent oxidation and ensure low contact resistance over long periods.
* **Thermoplastic Housing:** The body is made of high-temperature UL94V-0 grade plastic, making it resistant to heat during wave soldering.
* **Wiper Mechanism:** A mechanical rotor that bridges specific internal pins to create a binary output corresponding to the dial position.
---
### 3. Pin Configuration & Logic
The switch typically features 4 output pins and 1 common pin.
| Position | Pin 1 (1) | Pin 2 (2) | Pin 3 (4) | Pin 4 (8) |
| :--- | :--- | :--- | :--- | :--- |
| **0** | OFF | OFF | OFF | OFF |
| **1** | **ON** | OFF | OFF | OFF |
| **5** | **ON** | OFF | **ON** | OFF |
| **F (15)** | **ON** | **ON** | **ON** | **ON** |
---
### 4. Applications
The KGS124 series is commonly found in the following electronic environments:
1. **Industrial Controls:** Setting Modbus or CAN bus node addresses.
2. **Telecommunications:** Configuring frequency bands or hardware IDs.
3. **Security Systems:** Setting zones for alarm panels.
4. **Embedded Systems:** Selecting boot modes or hardware revisions.
- ⤷
What is the difference between Real Code and Complement Code in these switches?
- ⤷ Can the KGS124-R/K be used in surface mount (SMD) applications?
- ⤷ What are the soldering temperature limits for this specific part?