KGS13-R
AI

## KGS13-R: Electronic Components and Specifications
The **KGS13-R** is a specific model of an **optical sensor** (typically a photo-interrupter or transmissive sensor) often used in industrial automation, paper detection in printers/copiers, and position sensing.
### 1. Core Electronic Configuration
The KGS13-R operates based on a pair of infrared components housed in a single U-shaped plastic casing.
| Component | Type | Function |
| :--- | :--- | :--- |
| **Emitter** | Infrared LED | Converts electrical energy into infrared light. |
| **Detector** | Phototransistor | Detects IR light and converts it back into an electrical signal. |
| **Housing** | U-shaped Slot | Provides a physical gap for an object to block the light beam. |
---
### 2. Technical Specifications
The following values are typical for the KGS13 series electronic parts:
#### Absolute Maximum Ratings (at 25°C)
* **Input (Emitter):**
* Forward Current ($I_F$): **50mA**
* Reverse Voltage ($V_R$): **5V**
* **Output (Detector):**
* Collector-Emitter Voltage ($V_{CEO}$): **30V**
* Emitter-Collector Voltage ($V_{ECO}$): **5V**
* Collector Current ($I_C$): **20mA**
#### Electro-Optical Characteristics
* **Forward Voltage ($V_F$):** ~1.2V (at $I_F$ = 20mA)
* **Dark Current ($I_{CEO}$):** Max 100nA (when no light is present)
* **Peak Sensitivity Wavelength:** ~940nm (Infrared)
---
### 3. Pinout and Circuit Integration
The device typically has 4 pins. The standard circuit integration is as follows:
```mermaid
graph LR
A[Vcc] --> R1[Resistor]
R1 --> B[Anode - Pin 1]
C[Cathode - Pin 2] --> D[GND]
E[Vcc] --> F[Collector - Pin 3]
G[Emitter - Pin 4] --> H[Output Signal]
H --> I[GND]
```
### 4. Key Electronic Features
* **High Sensitivity:** The phototransistor is tuned to the specific wavelength of the internal LED to prevent interference from ambient light.
* **Response Time:** Fast switching speeds (usually in the microsecond range), making it suitable for high-speed counting or RPM sensing.
* **Compact Form Factor:** The "R" suffix often denotes a specific lead shape or mounting orientation (e.g., Right-angle or specific PCB mounting style).
---
- ⤷
What is the typical value for the current limiting resistor used with the KGS13-R LED?
- ⤷ Can the KGS13-R be used to measure the speed of a rotating motor?
- ⤷ What is the difference between the KGS13-R and the standard KGS13 model?